Moteur de recherche de fiches techniques de composants électroniques |
|
UA78L05AILPR Fiches technique(PDF) 3 Page - Texas Instruments |
|
|
UA78L05AILPR Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 27 page μA78L00 www.ti.com SLVS010U – JANUARY 1976 – REVISED MAY 2011 Absolute Maximum Ratings (1) over virtual junction temperature range (unless otherwise noted) MIN MAX UNIT μA78L02AC, μA78L05C–μA78L09C, μA78L10AC 30 VI Input voltage V μA78L12C, μA78L12AC, μA78L15C, μA78L15AC 35 TJ Virtual junction temperature 150 °C Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. Package Thermal Data (1) PACKAGE BOARD θJC θJA SOIC (D) High K, JESD 51-7 39°C/W 97°C/W TO-92/TO-226AA (LP) High K, JESD 51-7 55°C/W 140°C/W SOT-89 (PK) High K, JESD 51-7 9°C/W 52°C/W (1) Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability. Due to variations in individual device electrical characteristics and thermal resistance, the built-in thermal-overload protection may be activated at power levels slightly above or below the rated dissipation. Recommended Operating Conditions MIN MAX UNIT μA78L02AC 4.75 20 μA78L05C, μA78L05AC 7 20 μA78L06C, μA78L06AC 8.5 20 μA78L08C, μA78L08AC 10.5 23 VI Input voltage V μA78L09C, μA78L09AC 11.5 24 μA78L10AC 12.5 25 μA78L12C, μA78L12AC 14.5 27 μA78L15C, μA78L15AC 17.5 30 IO Output current 100 mA μA78LxxC and μA78LxxAC series 0 125 TJ Operating virtual junction temperature °C μA78L05AI –40 125 Copyright © 1976–2011, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links :μA78L00 |
Numéro de pièce similaire - UA78L05AILPR |
|
Description similaire - UA78L05AILPR |