Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2853A Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2853A
Description  8-Pin Continuous Conduction Mode (CCM) PFC Controller
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2853A Fiches technique(HTML) 5 Page - Texas Instruments

  UC2853A Datasheet HTML 1Page - Texas Instruments UC2853A Datasheet HTML 2Page - Texas Instruments UC2853A Datasheet HTML 3Page - Texas Instruments UC2853A Datasheet HTML 4Page - Texas Instruments UC2853A Datasheet HTML 5Page - Texas Instruments UC2853A Datasheet HTML 6Page - Texas Instruments UC2853A Datasheet HTML 7Page - Texas Instruments UC2853A Datasheet HTML 8Page - Texas Instruments UC2853A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
5
15
VCC - Bias Supply Voltage - V
0
0.5
1.5
2.5
3.0
4.0
10
20
1.0
2.0
3.5
SUPPLY CURRENT
vs
BIAS SUPPLY VOLTAGE
I
VCC Turn ON
I
VCC Turn OFF
VSENSE = VINS = 3V
No Gate Load
-60
-35
-10
65
115
140
T
J - Temperature - °C
8.0
9.0
11.0
12.0
15
40
90
10.0
UVLO THRESHOLDS
vs
TEMPERATURE
VCC Turn OFF (VCC
OFF)
VCC Turn ON (VCC
ON)
T
J - Temperature - °C
0
2
4
6
8
10
1
3
5
7
9
SUPPLY CURRENT
vs
TEMPERATURE
Operating, GATE Load = 4.7 nF
I
VCC(on_load)
Standby
I
VCC(stby)
-60
-35
-10
65
115
140
15
40
90
T
J - Temperature - °C
0
0.1
0.2
0.3
0.4
0.5
SUPPLY CURRENT
vs
TEMPERATURE
Pre-Start
(I
VCC(start))
VCC = VCC
ON - 0.1 V
-60
-35
-10
65
115
140
15
40
90
UCC28019
SLUS755B – APRIL 2007 – REVISED DECEMBER 2007
Unless otherwise noted, VCC = 15 VDC, 0.1 µF from VCC to GND, TJ = TA = 25°C. All voltages are with respect
to GND. Currents are positive into and negative out of the specified terminal.
Figure 1.
Figure 2.
Figure 3.
Figure 4.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): UCC28019


Numéro de pièce similaire - UC2853A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853AD TI1-UC2853AD Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853ADG4 TI1-UC2853ADG4 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853ADTR TI-UC2853ADTR Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
More results

Description similaire - UC2853A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UCC28019DRG4 TI-UCC28019DRG4 Datasheet
1,017Kb / 49P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
UCC28019A TI-UCC28019A Datasheet
1Mb / 47P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
UCC28019 TI1-UCC28019_12 Datasheet
1,017Kb / 49P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
UCC28019 TI-UCC28019 Datasheet
821Kb / 48P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
UCC28019A TI-UCC28019A_15 Datasheet
1Mb / 52P
[Old version datasheet]   UCC28019A 8-Pin Continuous Conduction Mode (CCM) PFC Controller
logo
Infineon Technologies A...
ICE2PCS01 INFINEON-ICE2PCS01_11 Datasheet
464Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
ICE2PCS01 INFINEON-ICE2PCS01 Datasheet
539Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.2, 09 Oct 2007
ICE2PCS02 INFINEON-ICE2PCS02 Datasheet
513Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
2007-10-09 V2.2
ICE3PCS01G INFINEON-ICE3PCS01G Datasheet
537Kb / 24P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE1PCS02 INFINEON-ICE1PCS02_07 Datasheet
446Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.2, 06 Feb 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com