Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK682-010-E Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce STK682-010-E
Description  2-phase Stepping Motor Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK682-010-E Fiches technique(HTML) 6 Page - ON Semiconductor

Back Button STK682-010-E Datasheet HTML 2Page - ON Semiconductor STK682-010-E Datasheet HTML 3Page - ON Semiconductor STK682-010-E Datasheet HTML 4Page - ON Semiconductor STK682-010-E Datasheet HTML 5Page - ON Semiconductor STK682-010-E Datasheet HTML 6Page - ON Semiconductor STK682-010-E Datasheet HTML 7Page - ON Semiconductor STK682-010-E Datasheet HTML 8Page - ON Semiconductor STK682-010-E Datasheet HTML 9Page - ON Semiconductor STK682-010-E Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
STK682-010-E
No.A2252-6/20
Equivalent circuit diagram
Pin No.
Pin type
Equivalent Circuit Diagram
3
2
19
18
17
16
CLK
CW/CCW
ENABLE
M3
M2
M1
15
VCC
13
10
14
12
11
9
8
7
OUT1A
PGND
VM
NFA
OUT2A
OUT1B
NFB
OUT2B
5
VREF
4
OSC1
6
FDT
Internal reset
Input pin


Numéro de pièce similaire - STK682-010-E

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
STK68 ETC-STK68 Datasheet
183Kb / 1P
   MCC FACTSHEET
logo
Sanyo Semicon Device
STK681-050 SANYO-STK681-050 Datasheet
99Kb / 5P
   Bidirectional DC Brush-Type Motor Driver (Io=5A)
STK681-300 SANYO-STK681-300 Datasheet
100Kb / 10P
   Forward/Reverse Motor Driver
logo
ON Semiconductor
STK681-300 ONSEMI-STK681-300 Datasheet
86Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
STK681-310 SANYO-STK681-310 Datasheet
101Kb / 10P
   Forward/Reverse Motor Driver
More results

Description similaire - STK682-010-E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
STK672-410C-E ONSEMI-STK672-410C-E Datasheet
134Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-533-E ONSEMI-STK672-533-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK672-612B-E ONSEMI-STK672-612B-E Datasheet
244Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com