Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL430 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TL430
Description  ADJUSTABLE SHUNT REGULATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL430 Fiches technique(HTML) 8 Page - Texas Instruments

  TL430_15 Datasheet HTML 1Page - Texas Instruments TL430_15 Datasheet HTML 2Page - Texas Instruments TL430_15 Datasheet HTML 3Page - Texas Instruments TL430_15 Datasheet HTML 4Page - Texas Instruments TL430_15 Datasheet HTML 5Page - Texas Instruments TL430_15 Datasheet HTML 6Page - Texas Instruments TL430_15 Datasheet HTML 7Page - Texas Instruments TL430_15 Datasheet HTML 8Page - Texas Instruments TL430_15 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MECHANICAL DATA
MSOT002A – OCTOBER 1994 – REVISED NOVEMBER 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
LP (O-PBCY-W3)
PLASTIC CYLINDRICAL PACKAGE
4040001-3 /C 10/01
0.094 (2,40)
0.114 (2,90)
0.460 (11,70)
0.539 (13,70)
TAPE & REEL
0.335 (8,50)
0.384 (9,75)
0.020 (0,50) MIN
0.217 (5,50)
0.748 (19,00)
0.748 (19,00)
0.689 (17,50)
0.098 (2,50)
0.433 (11,00)
0.335 (8,50)
0.610 (15,50)
0.650 (16,50)
1.260 (32,00)
0.905 (23,00)
0.234 (5,95)
0.266 (6,75)
0.512 (13,00)
0.488 (12,40)
0.114 (2,90)
0.094 (2,40)
0.146 (3,70)
0.169 (4,30)
DIA
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Tape and Reel information for the Format Lead Option package.


Numéro de pièce similaire - TL430_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL430CLP TI-TL430CLP Datasheet
102Kb / 6P
[Old version datasheet]   ADJUSTABLE SHUNT REGULATORS
TL430CLP TI-TL430CLP Datasheet
146Kb / 9P
[Old version datasheet]   ADJUSTABLE SHUNT REGULATORS
TL430CLPE3 TI-TL430CLPE3 Datasheet
146Kb / 9P
[Old version datasheet]   ADJUSTABLE SHUNT REGULATORS
TL430CLPR TI-TL430CLPR Datasheet
146Kb / 9P
[Old version datasheet]   ADJUSTABLE SHUNT REGULATORS
TL430CLPRE3 TI-TL430CLPRE3 Datasheet
146Kb / 9P
[Old version datasheet]   ADJUSTABLE SHUNT REGULATORS
More results

Description similaire - TL430_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL430 TI-TL430 Datasheet
102Kb / 6P
[Old version datasheet]   ADJUSTABLE SHUNT REGULATORS
TL430 TI-TL430_06 Datasheet
146Kb / 9P
[Old version datasheet]   ADJUSTABLE SHUNT REGULATORS
logo
Gamma Microelectronics ...
GM431A GAMMA-GM431A Datasheet
2Mb / 1P
   Adjustable Shunt Regulators
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com