Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB11921T Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce LB11921T
Description  Three-Phase Brushless Motor Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11921T Fiches technique(HTML) 4 Page - ON Semiconductor

  LB11921T Datasheet HTML 1Page - ON Semiconductor LB11921T Datasheet HTML 2Page - ON Semiconductor LB11921T Datasheet HTML 3Page - ON Semiconductor LB11921T Datasheet HTML 4Page - ON Semiconductor LB11921T Datasheet HTML 5Page - ON Semiconductor LB11921T Datasheet HTML 6Page - ON Semiconductor LB11921T Datasheet HTML 7Page - ON Semiconductor LB11921T Datasheet HTML 8Page - ON Semiconductor LB11921T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LB11921T
No.A0604-4/18
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
unit
FIL Output
Output source current
IOH(FIL)
-17
-13
-7
μA
Output sink current
IOL(FIL)
7
12
17
μA
S/S Pin
Input high-level voltage
VIH(S/S)
2.0
VCC
V
Input low-level voltage
VIL(S/S)
0
1.0
V
Input open voltage
VIO(S/S)
VCC-0.5
VCC
V
Hysteresis
ΔVIN(S/S)
0.13
0.22
0.31
V
Input high-level current
IIH(S/S)
VS/S = VCC
-10
0
10
μA
Input low-level current
IIL(S/S)
VS/S = 0V
-135
-93
μA
Pull-up resistance
RU(S/S)
37
53.5
70
k
Ω
F/R Pin
Input high-level voltage
VIH(F/R)
2.0
VCC
V
Input low-level voltage
VIL(F/R)
0
1.0
V
Input open voltage
VIO(F/R)
VCC-0.5
VCC
V
Hysteresis
ΔVIN(F/R)
0.13
0.22
0.31
V
Input high-level current
IIH(F/R)
VF/R = VCC
-10
0
10
μA
Input low-level current
IIL(F/R)
VF/R = 0V
-135
-93
μA
Pull-up resistance
RU(F/R)
37
53.5
70
k
Ω
BR Pin
Input high-level voltage
VIH(BR)
2.0
VCC
V
Input low-level voltage
VIL(BR)
0
1.0
V
Input open voltage
VIO(BR)
VCC-0.5
VCC
V
Hysteresis
ΔVIN(BR)
0.13
0.22
0.31
V
Input high-level
IIH(BR)
VBR = VCC
-10
0
10
μA
Input low-level current
IIL(BR)
VBR = 0V
-135
-93
μA
Pull-up resistance
RU(BR)
37
53.5
70
k
Ω
CLK Pin
Input high-level voltage
VIH(CLK)
2.0
VCC
V
Input low-level voltage
VIL(CLK)
0
1.0
V
Input open voltage
VIO(CLK)
VCC-0.5
VCC
V
Hysteresis
ΔVIN(CLK)
Design target value *
0.13
0.22
0.31
V
Input high-level current
IIH(CLK)
VCLK = VCC
-10
0
10
μA
Input low-level current
IIL(CLK)
VCLK = 0V
-135
-93
μA
Input frequency
f(CLK)
2.34
kHz
Pull-up resistance
RU(CLK)
37
53.5
70
k
Ω
*: Design target value and no measurement was made.


Numéro de pièce similaire - LB11921T

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB11921T SANYO-LB11921T Datasheet
178Kb / 18P
   Monolithic Digital IC Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11921T-MPB-E ONSEMI-LB11921T-MPB-E Datasheet
48Kb / 1P
   LB11921T: 3-Phase Brushless Motor Driver
4/23/2014
LB11921T-TLM-E ONSEMI-LB11921T-TLM-E Datasheet
48Kb / 1P
   LB11921T: 3-Phase Brushless Motor Driver
4/23/2014
More results

Description similaire - LB11921T

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com