Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM136-5.0 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce LM136-5.0
Description  LM136-5.0, LM236-5.0, LM336-5.0 5.0V Reference Diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM136-5.0 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button LM136-5.0_15 Datasheet HTML 6Page - Texas Instruments LM136-5.0_15 Datasheet HTML 7Page - Texas Instruments LM136-5.0_15 Datasheet HTML 8Page - Texas Instruments LM136-5.0_15 Datasheet HTML 9Page - Texas Instruments LM136-5.0_15 Datasheet HTML 10Page - Texas Instruments LM136-5.0_15 Datasheet HTML 11Page - Texas Instruments LM136-5.0_15 Datasheet HTML 12Page - Texas Instruments LM136-5.0_15 Datasheet HTML 13Page - Texas Instruments LM136-5.0_15 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
17-Dec-2014
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LM136AH-5.0
ACTIVE
TO
NDV
3
1000
TBD
Call TI
Call TI
-40 to 125
( LM136AH5.0 ~
LM136AH5.0)
LM136AH-5.0/NOPB
ACTIVE
TO
NDV
3
1000
Green (RoHS
& no Sb/Br)
Call TI
Level-1-NA-UNLIM
-40 to 125
( LM136AH5.0 ~
LM136AH5.0)
LM136H-5.0
ACTIVE
TO
NDV
3
1000
TBD
Call TI
Call TI
-55 to 125
( LM136H5.0 ~
LM136H5.0)
LM136H-5.0/NOPB
ACTIVE
TO
NDV
3
1000
Green (RoHS
& no Sb/Br)
Call TI
Level-1-NA-UNLIM
-55 to 125
( LM136H5.0 ~
LM136H5.0)
LM236AH-5.0
ACTIVE
TO
NDV
3
1000
TBD
Call TI
Call TI
-55 to 125
( LM236AH5.0 ~
LM236AH5.0)
LM236AH-5.0/NOPB
ACTIVE
TO
NDV
3
1000
Green (RoHS
& no Sb/Br)
Call TI
Level-1-NA-UNLIM
-55 to 125
( LM236AH5.0 ~
LM236AH5.0)
LM236H-5.0
ACTIVE
TO
NDV
3
1000
TBD
Call TI
Call TI
-25 to 85
( LM236H5.0 ~
LM236H5.0)
LM236H-5.0/NOPB
ACTIVE
TO
NDV
3
1000
Green (RoHS
& no Sb/Br)
Call TI
Level-1-NA-UNLIM
-25 to 85
( LM236H5.0 ~
LM236H5.0)
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.


Numéro de pièce similaire - LM136-5.0_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM136-5.0-MW8 TI1-LM136-5.0-MW8 Datasheet
293Kb / 16P
[Old version datasheet]   LM136A-5.0QML LM136-5.0QML 5.0V Reference Diode
LM136-5.0-MW8 TI1-LM136-5.0-MW8 Datasheet
452Kb / 17P
[Old version datasheet]   5.0V Reference Diode
LM136-5.0QML TI1-LM136-5.0QML Datasheet
293Kb / 16P
[Old version datasheet]   LM136A-5.0QML LM136-5.0QML 5.0V Reference Diode
LM136-5.0QML TI1-LM136-5.0QML Datasheet
452Kb / 17P
[Old version datasheet]   5.0V Reference Diode
LM136-5.0QML-SP TI1-LM136-5.0QML-SP Datasheet
452Kb / 17P
[Old version datasheet]   5.0V Reference Diode
More results

Description similaire - LM136-5.0_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM336MX-2.5 TI1-LM336MX-2.5 Datasheet
715Kb / 14P
[Old version datasheet]   LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode
LM136-2.5-N TI1-LM136-2.5-N Datasheet
316Kb / 16P
[Old version datasheet]   LM136-2.5 LM236-2.5 LM336-2.5V Reference Diode
LM236-2.5-N TI1-LM236-2.5-N Datasheet
715Kb / 14P
[Old version datasheet]   LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode
LM336M-2.5 TI1-LM336M-2.5 Datasheet
715Kb / 14P
[Old version datasheet]   LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode
LM336M-25 TI-LM336M-25 Datasheet
676Kb / 14P
[Old version datasheet]   LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode
LM136-5.0QML TI1-LM136-5.0QML Datasheet
293Kb / 16P
[Old version datasheet]   LM136A-5.0QML LM136-5.0QML 5.0V Reference Diode
logo
Zetex Semiconductors
ZRB500 ZETEX-ZRB500 Datasheet
143Kb / 5P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZREF50 DIODES-ZREF50 Datasheet
78Kb / 4P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
ZR4040_5.0 DIODES-ZR4040_5.0 Datasheet
98Kb / 5P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZREF50 ZETEX-ZREF50 Datasheet
67Kb / 4P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com