Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC88F5LA4ACS Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce LC88F5LA4ACS
Description  16-bit 1-chip Microcontroller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC88F5LA4ACS Fiches technique(HTML) 3 Page - ON Semiconductor

  LC88F5LA4ACS Datasheet HTML 1Page - ON Semiconductor LC88F5LA4ACS Datasheet HTML 2Page - ON Semiconductor LC88F5LA4ACS Datasheet HTML 3Page - ON Semiconductor LC88F5LA4ACS Datasheet HTML 4Page - ON Semiconductor LC88F5LA4ACS Datasheet HTML 5Page - ON Semiconductor LC88F5LA4ACS Datasheet HTML 6Page - ON Semiconductor LC88F5LA4ACS Datasheet HTML 7Page - ON Semiconductor LC88F5LA4ACS Datasheet HTML 8Page - ON Semiconductor LC88F5LA4ACS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
LC88F5LA4ACS
No.A1860-3/33
Serial interfaces
• SIO0: 8-bit synchronous SIO
1) LSB first/MSB first mode selectable
2) Supports data communication with a data length of 8 bits or less (1 to 8 bits specifiable)
3) Built-in 8-bit baudrate generator (4 tCYC to 512 tCYC transfer clocks)
4) Continuous/automatic data transmission (9- to 32768-bit units specifiable)
5) Interval function (intervals specifiable in 0 to 64 tSCK units)
6) Wakeup function
• SIO1: 8-bit synchronous SIO
1) LSB first/MSB first mode selectable
2) Supports data communication with a data length of 8 bits or less (1 to 8 bits specifiable)
3) Built-in 8-bit baudrate generator (4 tCYC to 512 tCYC transfer clocks)
4) Continuous/automatic data transmission (9- to 32768-bit units specifiable)
5) Interval function (intervals specifiable in 0 to 64 tSCK units)
6) Wakeup function
• SMIIC0: Single master I
2C/8-bit synchronous SIO
Mode 0: Single-master mode communication
Mode 1: Synchronous 8-bit serial I/O (MSB first)
• SLIIC0: Slave I
2C/8-bit synchronous SIO
Mode 0: I2C slave mode communication
Mode 1: Synchronous 8-bit serial I/O (MSB first)
Note: usable only with the external clock source
• UART0
1) Data length
: 8 bits (LSB first)
2) Start bits
: 1 bit
3) Stop bits
: 1 bit
4) Parity bits
: None/even parity/odd parity
5) Transfer rate
: 4/8 cycle
6) Baudrate source clock: P07 input signal used as a 1 cycle signal (T0PWMH can be used as a clock source) or
Timer 4 cycle.
7) Full duplex communication
Note: The “cycle” refers to one period of the baudrate clock source.
• UART2
1) Data length
: 8 bits (LSB first)
2) Start bits
: 1 bit
3) Stop bits
: 1/2 bit
4) Parity bits
: None/even parity/odd parity
5) Transfer rate
: 8 to 4096 cycle
6) Baudrate source clock : System clock/OSC0/OSC1/P25 input signal
7) Wakeup function
8) Full duplex communication
Note: The “cycle” refers to one period of the baudrate clock source.


Numéro de pièce similaire - LC88F5LA4ACS

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC88F5LA4ACS SANYO-LC88F5LA4ACS Datasheet
227Kb / 33P
   FROM 96K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
More results

Description similaire - LC88F5LA4ACS

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LC88F83B0A ONSEMI-LC88F83B0A Datasheet
177Kb / 25P
   16-bit 1-chip Microcontroller
May, 2013 Ver.0.7
LC88F58B0A ONSEMI-LC88F58B0A Datasheet
190Kb / 31P
   16-bit 1-chip Microcontroller
May, 2013 Ver.1.03
LC88F85D0A ONSEMI-LC88F85D0A Datasheet
307Kb / 31P
   16-bit 1-chip Microcontroller
May, 2013 Ver.1.10
LC88F52H0A ONSEMI-LC88F52H0A Datasheet
220Kb / 38P
   16-bit 1-chip Microcontroller
May, 2013 Ver.1.03
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
logo
NEC
UPD784976A NEC-UPD784976A Datasheet
1Mb / 400P
   16-Bit Single-Chip Microcontroller
logo
Infineon Technologies A...
C165 INFINEON-C165 Datasheet
1Mb / 77P
   16-Bit Single-Chip Microcontroller
V2.0, Dec. 2000
logo
NEC
UPD78P4908 NEC-UPD78P4908 Datasheet
427Kb / 64P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
NXP Semiconductors
XA-H4 PHILIPS-XA-H4 Datasheet
225Kb / 42P
   Single-chip 16-bit microcontroller
1999 Sep 24
logo
Infineon Technologies A...
SAF-C165LMHA INFINEON-SAF-C165LMHA Datasheet
1Mb / 77P
   16-Bit Single-Chip Microcontroller
V2.0, Dec. 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com