Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC75839PW Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce LC75839PW
Description  Duty General-Purpose LCD Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75839PW Fiches technique(HTML) 1 Page - ON Semiconductor

  LC75839PW Datasheet HTML 1Page - ON Semiconductor LC75839PW Datasheet HTML 2Page - ON Semiconductor LC75839PW Datasheet HTML 3Page - ON Semiconductor LC75839PW Datasheet HTML 4Page - ON Semiconductor LC75839PW Datasheet HTML 5Page - ON Semiconductor LC75839PW Datasheet HTML 6Page - ON Semiconductor LC75839PW Datasheet HTML 7Page - ON Semiconductor LC75839PW Datasheet HTML 8Page - ON Semiconductor LC75839PW Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
62911HKPC 20110412-S00001 No.A1953-1/27
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
July, 2013
LC75839PW
Overview
The LC75839PW is 1/4 duty and 1/3 duty general-purpose microprocessor-controlled LCD driver that can be used in
applications such as frequency display in products with electronic tuning. In addition to being able to drive up to 208
segments directly, the LC75839PW can also control up to 4 general-purpose output ports. Because it has the PWM
output of a maximum of 3 ch, the brightness control of the LED backlight of RGB can be done. Incorporation of an
oscillation circuit helps to reduce the number of external resistors and capacitors required.
Features
• Support for 1/4-duty 1/3-bias or 1/3-duty 1/3-bias drive techniques under serial data control.
When 1/4-duty: Capable of driving up to 208 segments
When 1/3-duty: Capable of driving up to 159 segments
• Serial data input supports CCB format communication with the system controller. (Support 3.3V and 5V operation)
• Serial data control of the power-saving mode based backup function and the all segments forced off function.
• Serial data control of switching between the segment output port and general-purpose output port function.
(Support for up to 4 general-purpose output ports)
• Support for the PWM output function of a maximum of 3ch. (It can output from the general-purpose output port ).
• Support for clock output function of 1ch.
• Serial data control of the frame frequency of the common and segment output waveforms.
• Serial data control of switching between the internal oscillator operating mode and external clock operating mode.
• High generality, since display data is displayed directly without the intervention of a decoder circuit.
• The INH pin allows the display to be forced to the off state.
• Incorporation of an oscillator circuit. (Incorporation of resistor and capacitor for an oscillation)
Ordering number : ENA1953
CMOS IC
1/4 and 1/3-Duty General-Purpose
LCD Display Driver
CCB is ON Semiconductor® ’s original format. All addresses are managed
by ON Semiconductor® for this format.
CCB is a registered trademark of Semiconductor Components Industries, LLC.


Numéro de pièce similaire - LC75839PW

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC75839PW SANYO-LC75839PW Datasheet
229Kb / 27P
   1/4 and 1/3-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75839PW ONSEMI-LC75839PW Datasheet
270Kb / 27P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75839PW-H ONSEMI-LC75839PW-H Datasheet
270Kb / 27P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75839PWH-H ONSEMI-LC75839PWH-H Datasheet
270Kb / 27P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75839PWS-H ONSEMI-LC75839PWS-H Datasheet
270Kb / 27P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
More results

Description similaire - LC75839PW

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LC75814V ONSEMI-LC75814V Datasheet
126Kb / 14P
   Duty General-Purpose LCD Driver
October, 2013
LC75829PW ONSEMI-LC75829PW Datasheet
357Kb / 23P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75847T ONSEMI-LC75847T_17 Datasheet
501Kb / 28P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75813E ONSEMI-LC75813E Datasheet
295Kb / 26P
   Duty General-Purpose LCD Driver
October, 2013
LC75843UGA ONSEMI-LC75843UGA Datasheet
220Kb / 35P
   Duty General-Purpose LCD Driver
January, 2014
LC75839PW ONSEMI-LC75839PW_17 Datasheet
270Kb / 27P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75843UGA ONSEMI-LC75843UGA_17 Datasheet
303Kb / 35P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 3
LC75878W ONSEMI-LC75878W_17 Datasheet
370Kb / 36P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75897W ONSEMI-LC75897W Datasheet
352Kb / 33P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75838W ONSEMI-LC75838W Datasheet
214Kb / 36P
   Duty General-Purpose LCD Driver
January 2015 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com