Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA4815VH Fiches technique(PDF) 9 Page - ON Semiconductor

No de pièce LA4815VH
Description  Monaural Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA4815VH Fiches technique(HTML) 9 Page - ON Semiconductor

Back Button LA4815VH Datasheet HTML 5Page - ON Semiconductor LA4815VH Datasheet HTML 6Page - ON Semiconductor LA4815VH Datasheet HTML 7Page - ON Semiconductor LA4815VH Datasheet HTML 8Page - ON Semiconductor LA4815VH Datasheet HTML 9Page - ON Semiconductor LA4815VH Datasheet HTML 10Page - ON Semiconductor LA4815VH Datasheet HTML 11Page - ON Semiconductor LA4815VH Datasheet HTML 12Page - ON Semiconductor LA4815VH Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LA4815VH
No.A1374-9/15
11. Signal mixing methods
The following methods can be used to mix a beep, key tone or other signal into the audio signal. Note that when input
to Pin 4 is selected, amplification of signals input from Pin 4 changes according to impedance Z4 connected to Pin 13.
11-1. Mixing method using resistors in the Pin 13 input front end
Figure 10
11-2. Method using input to Pin 4
• First signal system (Signal-1) voltage gain : Vg1
Vg1 = 20log (Vout/Vin1) = 20log (4 × (125 + Z4) (500 + (125 × Z4/(125 + Z4)))/(25 × Z4))
* Z4 = R1 + ro
• Second signal system (Signal-2) voltage gain : Vg2
Vg2 = 20log (Vout/Vin2) = 20log (10000/(125 + R1))
* fc2 = 1/(2
π × Cin2 × (R1 + 125))
Figure 11
12. Short-circuit between pins
Turning on the power supply with some pins short-circuited may cause deterioration or breakdown. Therefore, when
mounting the IC on a board, check to make sure that no short-circuit is formed between pins by solder or other foreign
substances before turning on the power supply.
13. Load short circuit
Leaving the IC for a long time in the condition with a load short circuit may cause deterioration or breakdown.
Therefore, never short-circuit the load.
14. Maximum ratings
When used under conditions near the maximum ratings, even a slight fluctuation in the conditions may cause the
maximum ratings to be exceeded, possibly resulting in a breakdown or other accidents. Therefore, always provide
enough margin for fluctuations in the supply voltage and other conditions, and use within a range not exceeding the
maximum ratings.
Vbias
100k
Ω
+
-
+
-
Pre-Amp
Rg2
Rg1
Signal-2
Signal-1
other IC
ro
R1
Vin2
ro
LA4815VH
Cin
Cin2
Vin1
Vout
+
125
Ω
10k
Ω
PWR - Amp
500
Ω
OUT
OUT1
OUT2
IN
GAIN2
13
4
1
Vbias
100k
Ω
+
-
Pre-Amp
Rg2
Rg1
Signal-2
Signal-1
other IC
ro
Rg3
Vout2
Vout1
ro
LA4815VH
Cin
Vin
IN
OUT1
OUT2
13
Pin 13 input impedance : Zin = 100k
Ω


Numéro de pièce similaire - LA4815VH

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA4815VH SANYO-LA4815VH Datasheet
159Kb / 15P
   Monaural Power Amplifier
LA4815VH SANYO-LA4815VH Datasheet
249Kb / 15P
   Monaural Power Amplifier
LA4815VH SANYO-LA4815VH_12 Datasheet
249Kb / 15P
   Monaural Power Amplifier
More results

Description similaire - LA4815VH

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA4815M SANYO-LA4815M Datasheet
153Kb / 14P
   Monaural Power Amplifier
LA4815VH SANYO-LA4815VH_12 Datasheet
249Kb / 15P
   Monaural Power Amplifier
LA4815VH SANYO-LA4815VH Datasheet
159Kb / 15P
   Monaural Power Amplifier
LA4815M SANYO-LA4815M_10 Datasheet
258Kb / 14P
   Monaural Power Amplifier
LV4991M SANYO-LV4991M Datasheet
173Kb / 11P
   Monaural BTL Power Amplifier
LA42031-E SANYO-LA42031-E Datasheet
89Kb / 7P
   5W Monaural Power Amplifier
logo
Sony Corporation
CXA1622M SONY-CXA1622M Datasheet
215Kb / 13P
   Stereo Power Amplifier/Monaural BTL Power Amplifier
logo
New Japan Radio
NJM2166 NJRC-NJM2166 Datasheet
94Kb / 8P
   MONAURAL AUDIO POWER AMPLIFIER IC
logo
Sanyo Semicon Device
LA4267 SANYO-LA4267 Datasheet
70Kb / 6P
   5 W Monaural Power Amplifier
LA4268 SANYO-LA4268 Datasheet
69Kb / 6P
   10 W Monaural Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com