Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA4815VH Fiches technique(PDF) 8 Page - ON Semiconductor

No de pièce LA4815VH
Description  Monaural Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA4815VH Fiches technique(HTML) 8 Page - ON Semiconductor

Back Button LA4815VH Datasheet HTML 4Page - ON Semiconductor LA4815VH Datasheet HTML 5Page - ON Semiconductor LA4815VH Datasheet HTML 6Page - ON Semiconductor LA4815VH Datasheet HTML 7Page - ON Semiconductor LA4815VH Datasheet HTML 8Page - ON Semiconductor LA4815VH Datasheet HTML 9Page - ON Semiconductor LA4815VH Datasheet HTML 10Page - ON Semiconductor LA4815VH Datasheet HTML 11Page - ON Semiconductor LA4815VH Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
LA4815VH
No.A1374-8/15
5. Popping noise reduction during power-off
The power supply line can be directly controlled ON and OFF without using the mute function. However, when using
a high supply voltage, the shock noise and aftersound during power-off tends to worsen. One method of coping with
this is to connect a capacitor between Pin 2 (VCC) and Pin 3 (MUTE) so that the auto mute function operates during
power-off.
Recommended value = 1
μF
Figure 9
6. Input coupling capacitor (Cin)
Cin is an input coupling capacitor, and is used for DC cutting. However, this capacitor is also used to improve the ripple
rejection ratio, which changes according to the capacitance value (recommended value = 1
μF). In addition, this
capacitor also affects the transient response characteristics during power-on and when mute is canceled, so the constant
should be set in consideration of these characteristics.
Design reference value = approximately 0.33 to 3.3
μF
• Ripple rejection ratio : Increasing the capacitance value increases the rate, and reducing the value reduces the rate.
• Rise response speed : Increasing the capacitance value reduces the speed, and reducing the value increases the
speed.
• Popping noise : Increasing the capacitance value reduces the noise, and reducing the value increases the noise.
7. Output coupling capacitor (Cout)
Cout is an output coupling capacitor used for DC cutting. However, this capacitor, Cout, in combination with load
impedance RL forms a high-pass filter and attenuates the low frequency signals. Take into account the cutoff frequency
when determining the capacitance value. In addition, normally a chemical capacitor is used for this capacitor, but the
capacitance value of chemical capacitors decreases at low temperatures, so the value should be set in accordance with
this characteristic.
The cutoff frequency is expressed by the following formula.
fc = 1/(2
π × RL × Cout)
8. Output phase compensation capacitor (Cosc)
The Cosc capacitor is used to prevent output oscillation. Use a ceramic capacitor (recommended value = 0.1
μF) with
good high frequency characteristics, and locate this capacitor as close to the IC as possible.
9. Power supply capacitor (CVCC)
The CVCC capacitor is used to suppress the ripple component of the power supply line. Normally a chemical capacitor
(recommended value = 10
μF) is used for this capacitor. However, chemical capacitors have poor high frequency
characteristics, so when using a CPU, DSP or other IC that generates digital noise in the set, it is recommended that a
power supply bypass capacitor (ceramic capacitor, recommended value = approximately 0.1
μF) be added to reject
high-frequency components. Locate this bypass capacitor as close to the IC as possible.
10. NC pin treatment
Since the NC pins (pins 5 to 10) are connected to nothing internally, they may be left open. To increase the heat
dissipation efficiency, however, it is recommended that the NC pins should be connected to the GND line.
+
+
Cmt
1
μF
CVCC
LA4815VH
VCC
MUTE
2
3


Numéro de pièce similaire - LA4815VH

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA4815VH SANYO-LA4815VH Datasheet
159Kb / 15P
   Monaural Power Amplifier
LA4815VH SANYO-LA4815VH Datasheet
249Kb / 15P
   Monaural Power Amplifier
LA4815VH SANYO-LA4815VH_12 Datasheet
249Kb / 15P
   Monaural Power Amplifier
More results

Description similaire - LA4815VH

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA4815M SANYO-LA4815M Datasheet
153Kb / 14P
   Monaural Power Amplifier
LA4815VH SANYO-LA4815VH_12 Datasheet
249Kb / 15P
   Monaural Power Amplifier
LA4815VH SANYO-LA4815VH Datasheet
159Kb / 15P
   Monaural Power Amplifier
LA4815M SANYO-LA4815M_10 Datasheet
258Kb / 14P
   Monaural Power Amplifier
LV4991M SANYO-LV4991M Datasheet
173Kb / 11P
   Monaural BTL Power Amplifier
LA42031-E SANYO-LA42031-E Datasheet
89Kb / 7P
   5W Monaural Power Amplifier
logo
Sony Corporation
CXA1622M SONY-CXA1622M Datasheet
215Kb / 13P
   Stereo Power Amplifier/Monaural BTL Power Amplifier
logo
New Japan Radio
NJM2166 NJRC-NJM2166 Datasheet
94Kb / 8P
   MONAURAL AUDIO POWER AMPLIFIER IC
logo
Sanyo Semicon Device
LA4267 SANYO-LA4267 Datasheet
70Kb / 6P
   5 W Monaural Power Amplifier
LA4268 SANYO-LA4268 Datasheet
69Kb / 6P
   10 W Monaural Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com