Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FCDN614-UBM Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce FCDN614-UBM
Description  1-Channel ESD Protector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FCDN614-UBM Fiches technique(HTML) 4 Page - ON Semiconductor

  FCDN614-UBM Datasheet HTML 1Page - ON Semiconductor FCDN614-UBM Datasheet HTML 2Page - ON Semiconductor FCDN614-UBM Datasheet HTML 3Page - ON Semiconductor FCDN614-UBM Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FCDN614−UBM
http://onsemi.com
4
MECHANICAL DETAILS (Cont’d)
Figure 4. Wafer Array
Stepping Size:
240 mm x 240 mm
Passivation−Free
Saw Street: 70 mm
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number of patents, trademarks,
copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC
reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without
limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications
and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC
does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for
surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where
personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and
its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly,
any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture
of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
FCDN614−UBM/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Numéro de pièce similaire - FCDN614-UBM

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FCDN605 ONSEMI-FCDN605 Datasheet
304Kb / 3P
   1-Channel ESD Protector
April, 2011 ??Rev. 3
FCDN605-UBM ONSEMI-FCDN605-UBM Datasheet
304Kb / 3P
   1-Channel ESD Protector
April, 2011 ??Rev. 3
FCDN608 ONSEMI-FCDN608 Datasheet
79Kb / 3P
   1-Channel ESD Protector
May, 2011 ??Rev. 3
FCDN608-UBM ONSEMI-FCDN608-UBM Datasheet
79Kb / 3P
   1-Channel ESD Protector
May, 2011 ??Rev. 3
More results

Description similaire - FCDN614-UBM

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CM1771 ONSEMI-CM1771 Datasheet
87Kb / 3P
   1-Channel ESD Protector
October, 2011 ??Rev. P6
FCDN608 ONSEMI-FCDN608 Datasheet
79Kb / 3P
   1-Channel ESD Protector
May, 2011 ??Rev. 3
HBL1008 ONSEMI-HBL1008 Datasheet
151Kb / 3P
   1-Channel ESD Protector
April, 2015 ??Rev. P2
HBL1010 ONSEMI-HBL1010 Datasheet
207Kb / 3P
   1-Channel ESD Protector
February, 2015 ??Rev. 0
CM1773-5006YL ONSEMI-CM1773-5006YL Datasheet
86Kb / 3P
   1-Channel ESD Protector
November, 2011 ??Rev. P1
FCDN605 ONSEMI-FCDN605 Datasheet
304Kb / 3P
   1-Channel ESD Protector
April, 2011 ??Rev. 3
HBL2020 ONSEMI-HBL2020 Datasheet
47Kb / 3P
   1-Channel ESD Protector
June, 2015 ??Rev. 0
CM1214A ONSEMI-CM1214A_16 Datasheet
362Kb / 9P
   1 and 2-Channel AC Signal ESD Protector
October, 2016 ??Rev. 6
CM1214 ONSEMI-CM1214 Datasheet
468Kb / 8P
   1 and 2-Channel AC Signal ESD Protector
January, 2014 ??Rev. 2
CM1214A ONSEMI-CM1214A Datasheet
437Kb / 14P
   1- and 2-Channel PicoGuard AC Signal ESD Protector
April 2010 ??Rev.2
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com