Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C10854 Fiches technique(PDF) 1 Page - Hamamatsu Corporation

No de pièce C10854
Description  Near infrared line camera (Line rate: 31.25 kHz)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HAMAMATSU [Hamamatsu Corporation]
Site Internet  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C10854 Fiches technique(HTML) 1 Page - Hamamatsu Corporation

  C10854_15 Datasheet HTML 1Page - Hamamatsu Corporation C10854_15 Datasheet HTML 2Page - Hamamatsu Corporation C10854_15 Datasheet HTML 3Page - Hamamatsu Corporation C10854_15 Datasheet HTML 4Page - Hamamatsu Corporation C10854_15 Datasheet HTML 5Page - Hamamatsu Corporation C10854_15 Datasheet HTML 6Page - Hamamatsu Corporation C10854_15 Datasheet HTML 7Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
InGaAs multichannel detector head
C10854
Near infrared line camera
(Line rate: 31.25 kHz)
www.hamamatsu.com
1
The C10854 is a multichannel detector head suitable for applications where high-speed response is required, such as SD-
OCT (spectral domain-optical coherence tomography) and sorting machines. The HAMAMATSU G10768 series InGaAs near-
infrared linear image sensor (sold separately) can be easily installed in the C10854.
The C10854 comes with application software (DCam-CL) that runs on Windows 7 (32-bit / 64-bit version) and controls the
C10854 from a PC. The application software also includes a function library (SSDic.dll) for the C10854, allowing you to develop
your own software by using Microsoft Visual Studio 2008 or later, or National Instruments IMAQ developmental environment.
Line rate: 31.25 kHz
High-speed operation: 5 MHz
OCT (optical coherence tomography)
1024 pixels (128 pixels × 8 ports)
Supports CameraLink
Specifications (Unless otherwise noted, Typ. Ta=25 °C)
The table below shows InGaAs linear image sensors applicable for the C10854 (sold separately).
Foreign object screening
Near infrared spectroscopy
Type no.
InGaAs linear image sensor
Spectral response range
(μm)
Number of pixels
Pixel size
(μm)
Effective photosensitive area length
(mm)
G10768-1024D
0.9 to 1.7
1024
25 × 100
25.6
G10768-1024DB
25 × 25
Parameter
Condition
Specification
Unit
Clock frequency
5
MHz
Line scan rate
31.25
kHz
Line readout time
32
μs
Data transfer time
17.07
μs
Total transfer time
49.07
μs
A/D conversion resolution
16
bit
Video output
16-bit, CameraLink (Base configuration)
-
Interface
RS-232C
-
Supply voltage
±5%, 1 A max.
+5
Vdc
Operating temperature
No codensation
0 to +50
°C
Storage temperature
-20 to +70
°C
Dimension
Excluding projecting parts
69.5 (L) × 80 (W) × 65 (H)
mm
Weight
330
g
Features
Applications


Numéro de pièce similaire - C10854_15

FabricantNo de pièceFiches techniqueDescription
logo
Vectron International, ...
C108 VECTRON-C108 Datasheet
410Kb / 4P
   OCXO Surface Mount Package Optional Reflow Process Compatible Optional AT-Cut and SC-Cut Crystal Options Low Profile Compact Package
logo
List of Unclassifed Man...
C108024006 ETC2-C108024006 Datasheet
71Kb / 3P
   Timers Symmetrical Recycler
C108024060 ETC2-C108024060 Datasheet
71Kb / 3P
   Timers Symmetrical Recycler
C108024600 ETC2-C108024600 Datasheet
71Kb / 3P
   Timers Symmetrical Recycler
logo
Hamamatsu Corporation
C10808 HAMAMATSU-C10808_15 Datasheet
154Kb / 7P
   High-precision driver circuit with variable integration time function
More results

Description similaire - C10854_15

FabricantNo de pièceFiches techniqueDescription
logo
Hamamatsu Corporation
C7500-50 HAMAMATSU-C7500-50 Datasheet
109Kb / 2P
   Near Infrared 1/2-inch CCD Video Camera
G10768 HAMAMATSU-G10768_15 Datasheet
304Kb / 7P
   Near infrared image sensor (0.9 to 1.7 m) with 1024 pixels and high-speed line rate
logo
Marktech Corporate
MT5720-IR MARKTECH-MT5720-IR Datasheet
595Kb / 2P
   Near Infrared LED
MT5720-IR MARKTECH-MT5720-IR_15 Datasheet
595Kb / 2P
   Near Infrared LED
logo
Hamamatsu Corporation
C7390 HAMAMATSU-C7390 Datasheet
137Kb / 4P
   X-Ray Line Sensor Camera
logo
Honeywell Accelerometer...
SEP8736-002 HONEYWELL-ACC-SEP8736-002 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
SDP8406-001 HONEYWELL-ACC-SDP8406-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Roithner LaserTechnik G...
RLLH808-350-3 ROITHNER-RLLH808-350-3 Datasheet
118Kb / 1P
   infrared line laser module
logo
Honeywell Accelerometer...
SD5410-001 HONEYWELL-ACC-SD5410-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
HOA0901-011 HONEYWELL-ACC-HOA0901-011 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com