Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMZ22005 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce LMZ22005
Description  5A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LMZ22005 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button LMZ22005_15 Datasheet HTML 3Page - Texas Instruments LMZ22005_15 Datasheet HTML 4Page - Texas Instruments LMZ22005_15 Datasheet HTML 5Page - Texas Instruments LMZ22005_15 Datasheet HTML 6Page - Texas Instruments LMZ22005_15 Datasheet HTML 7Page - Texas Instruments LMZ22005_15 Datasheet HTML 8Page - Texas Instruments LMZ22005_15 Datasheet HTML 9Page - Texas Instruments LMZ22005_15 Datasheet HTML 10Page - Texas Instruments LMZ22005_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
0
1
2
3
4
5
25
35
45
55
65
75
85
OUTPUT CURRENT (A)
6 Vin
9 Vin
12 Vin
20 Vin
0
1
2
3
4
5
0
1
2
3
4
5
6
OUTPUT CURRENT (A)
20 Vin
12 Vin
9 Vin
6 Vin
0
1
2
3
4
5
30
40
50
60
70
80
90
OUTPUT CURRENT (A)
6 Vin
9 Vin
12 Vin
20 Vin
0
1
2
3
4
5
0
1
2
3
4
5
6
OUTPUT CURRENT (A)
20 Vin
12 Vin
9 Vin
6 Vin
0
1
2
3
4
5
30
40
50
60
70
80
90
OUTPUT CURRENT (A)
6 Vin
9 Vin
12 Vin
20 Vin
0
1
2
3
4
5
0
1
2
3
4
5
6
OUTPUT CURRENT (A)
20 Vin
12 Vin
9 Vin
6 Vin
LMZ22005
www.ti.com
SNVS686J – MARCH 2011 – REVISED AUGUST 2015
Typical Characteristics (continued)
Unless otherwise specified, the following conditions apply: VIN = 12 V; CIN = 2 x 10 μF + 1-μF X7R Ceramic; CO = 220-μF
Specialty Polymer + 10-µF Ceramic; TA = 25°C for waveforms. Efficiency and dissipation plots marked with * have cycle
skipping at light loads resulting is slightly higher output ripple – See Design Steps section.
Figure 7. Efficiency 2.5-V Output at 25°C Ambient
Figure 8. Dissipation 2.5-V Output at 25°C Ambient
Figure 9. Efficiency 1.8-V Output at 25°C Ambient
Figure 10. Dissipation 1.8-V Output at 25°C Ambient
Figure 11. Efficiency 1.5-V Output at 25°C Ambient
Figure 12. Dissipation 1.5-V Output at 25°C Ambient
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMZ22005


Numéro de pièce similaire - LMZ22005_15

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LMZ22005TZ NSC-LMZ22005TZ Datasheet
1Mb / 22P
   5A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
LMZ22005TZE NSC-LMZ22005TZE Datasheet
1Mb / 22P
   5A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
LMZ22005TZX NSC-LMZ22005TZX Datasheet
1Mb / 22P
   5A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
More results

Description similaire - LMZ22005_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMZ10505 TI-LMZ10505_15 Datasheet
1Mb / 36P
[Old version datasheet]   5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
logo
National Semiconductor ...
LMZ23605TZ NSC-LMZ23605TZ Datasheet
1Mb / 22P
   5A SIMPLE SWITCHER Power Module with 36V Maximum Input Voltage
LMZ22005 NSC-LMZ22005 Datasheet
1Mb / 22P
   5A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ12002 TI-LMZ12002_15 Datasheet
1Mb / 31P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ22003 TI-LMZ22003_15 Datasheet
1Mb / 33P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ10504 TI-LMZ10504_15 Datasheet
1Mb / 35P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
LMZ22008 TI-LMZ22008_15 Datasheet
1Mb / 36P
[Old version datasheet]   8A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage and Current Sharing
LMZ10505EXT TI-LMZ10505EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
logo
National Semiconductor ...
LMZ12010 NSC-LMZ12010 Datasheet
1Mb / 22P
   10A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ23605 TI1-LMZ23605_14 Datasheet
1Mb / 25P
[Old version datasheet]   5A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com