Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMZ21700 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce LMZ21700
Description  LMZ21700 650 mA SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LMZ21700 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button LMZ21700_15 Datasheet HTML 4Page - Texas Instruments LMZ21700_15 Datasheet HTML 5Page - Texas Instruments LMZ21700_15 Datasheet HTML 6Page - Texas Instruments LMZ21700_15 Datasheet HTML 7Page - Texas Instruments LMZ21700_15 Datasheet HTML 8Page - Texas Instruments LMZ21700_15 Datasheet HTML 9Page - Texas Instruments LMZ21700_15 Datasheet HTML 10Page - Texas Instruments LMZ21700_15 Datasheet HTML 11Page - Texas Instruments LMZ21700_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
CONTROL LOGIC
2.2µH
HIGH SIDE
CURRENT
LIMIT
LOW SIDE
CURRENT
LIMIT
UVLO
VREF
+
-
tON TIMER
DIRECT CONTROL
&
COMPENSATION
ERROR
AMPLIFIER
COMPARATOR
6.6V
CLAMP
FB
VOS
PG
VOUT
VIN
EN
SS
GND
400k
Ÿ
SOFTSTART
CURRENT AND
TRACKING
5V LDO
THERMAL
SHUTDOWN
LDO
BYPASS
HIGH SIDE
SWITCH
LOW SIDE
SWITCH
INDUCTOR
25pF
ZERO
CURRENT
DETECT
LOW SIDE
DRIVER
HIGH SIDE DRIVER
WITH INTERNAL BOOTSTRAP
CFF
LMZ21700
SNVS872C – AUGUST 2012 – REVISED NOVEMBER 2014
www.ti.com
8 Detailed Description
8.1 Overview
The LMZ21700 SIMPLE SWITCHER® Nano Module is an easy-to-use step-down DC-DC solution capable of
driving up to 650 mA load in space-constrained applications. Only an input capacitor, an output capacitor, a
softstart capacitor, and two resistors are required for basic operation. The Nano Module comes in 8-pin DFN
footprint package with an integrated inductor. The LMZ21700 architecture is based on DCS-Control™ (Direct
Control with Seamless Transition into Power Save Mode). This architecture combines the fast transient response
and stability of hysteretic type converters along with the accurate DC output regulation of voltage mode and
current mode regulators.
The LMZ21700 architecture uses Pulse Width Modulation (PWM) mode for medium and heavy load requirements
and Power Save Mode (PSM) at light loads for high efficiency. In PWM mode the switching frequency is
controlled over the input voltage range. The value depends on the output voltage setting and is typically reduced
at low output voltages to achieve higher efficiency. In PSM the switching frequency decreases linearly with the
load current. Since the architecture of the device supports both operation modes (PWM and PSM) in a single
circuit building block, the transition between the modes of operation is seamless with minimal effect on the output
voltage.
8.2 Functional Block Diagram
8
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: LMZ21700


Numéro de pièce similaire - LMZ21700_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMZ21700SILR TI1-LMZ21700SILR Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21700 650 mA SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ21700SILT TI1-LMZ21700SILT Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21700 650 mA SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
More results

Description similaire - LMZ21700_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMZ21700 TI1-LMZ21700 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21700 650 mA SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ10500 TI-LMZ10500_15 Datasheet
982Kb / 32P
[Old version datasheet]   LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10500 TI1-LMZ10500_16 Datasheet
1Mb / 34P
[Old version datasheet]   LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ21701 TI1-LMZ21701 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ21701 TI-LMZ21701_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10500 NSC-LMZ10500 Datasheet
1Mb / 20P
   650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10501 NSC-LMZ10501 Datasheet
1Mb / 20P
   1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10500 TI1-LMZ10500 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10500 650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10501 TI1-LMZ10501_16 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ10501 1-A SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10501 TI1-LMZ10501 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com