Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMZ31506 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce LMZ31506
Description  6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LMZ31506 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button LMZ31506_15 Datasheet HTML 2Page - Texas Instruments LMZ31506_15 Datasheet HTML 3Page - Texas Instruments LMZ31506_15 Datasheet HTML 4Page - Texas Instruments LMZ31506_15 Datasheet HTML 5Page - Texas Instruments LMZ31506_15 Datasheet HTML 6Page - Texas Instruments LMZ31506_15 Datasheet HTML 7Page - Texas Instruments LMZ31506_15 Datasheet HTML 8Page - Texas Instruments LMZ31506_15 Datasheet HTML 9Page - Texas Instruments LMZ31506_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
LMZ31506
SNVS993 – JUNE 2013
www.ti.com
PIN DESCRIPTIONS
TERMINAL
DESCRIPTION
NAME
NO.
1
2
Zero VDC reference for the analog control circuitry. Connect AGND to PGND at a single point. Connect near
AGND
the output capacitors. See Figure 43 for a recommended layout.
34
45
8
Inhibit and UVLO adjust pin. Use an open drain or open collector output logic to control the INH function. A
INH/UVLO
resistor divider between this pin, AGND and VIN adjusts the UVLO voltage. Tie both pins together when
9
using this control.
Current share pin. Connect this pin to other LMZ31506 device's ISHARE pin when paralleling multple
ISHARE
5
LMZ31506 devices. When unused, treat this pin as a Do Not Connect (DNC) and leave it isolated from all
other signals or ground.
3
4
15
16
18
19
Do Not Connect. Do not connect these pins to AGND, to another DNC pin, or to any other voltage. These
DNC
pins are connected to internal circuitry. Each pin must be soldered to an isolated pad.
20
22
23
30
31
32
36
Common ground connection for the PVIN, VIN, and VOUT power connections. See Figure 43 for a
PGND
37
recommended layout.
38
10
11
12
Phase switch node. These pins should be connected to a small copper island under the device for thermal
PH
13
relief. Do not connect any external component to this pin or tie it to a pin of another function.
14
17
46
PWRGD
33
Power good fault pin. Asserts low if the output voltage is out of range. A pull-up resistor is required.
39
Input switching voltage. This pin supplies voltage to the power switches of the converter. See Figure 43 for a
PVIN
40
recommended layout.
41
This pin automatically selects between RT mode and CLK mode. A timing resistor adjusts the switching
RT/CLK
35
frequency of the device. In CLK mode, the device synchronizes to an external clock.
Remote sense connection. Connect this pin to VOUT at the load for improved regulation. This pin must be
SENSE+
44
connected to VOUT at the load, or at the module pins.
Slow-start and tracking pin. Connecting an external capacitor to this pin adjusts the output voltage rise time.
SS/TR
6
A voltage applied to this pin allows for tracking and sequencing control.
Slow-start or track feature select. Connect this pin to AGND to enable the internal SS capacitor with a SS
STSEL
7
interval of approximately 1.1 ms. Leave this pin open to enable the TR feature.
VADJ
43
Connecting a resistor between this pin and AGND sets the output voltage.
Input bias voltage pin. Supplies the control circuitry of the power converter. See Figure 43 for a
VIN
42
recommended layout.
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LMZ31506


Numéro de pièce similaire - LMZ31506_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMZ31506EVM-692 TI-LMZ31506EVM-692 Datasheet
978Kb / 22P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506HEVM-692 TI-LMZ31506HEVM-692 Datasheet
978Kb / 22P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ31506HRUQR TI1-LMZ31506HRUQR Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
More results

Description similaire - LMZ31506_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMZ31506 TI1-LMZ31506 Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31506 TI1-LMZ31506 Datasheet
837Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-14.5V Input and Current Sharing
LMZ31704 TI1-LMZ31704 Datasheet
961Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI1-LMZ31707_14 Datasheet
973Kb / 34P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI1-LMZ31707 Datasheet
964Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI1-LMZ31704_14 Datasheet
970Kb / 34P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI-LMZ31707_15 Datasheet
912Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31710 TI1-LMZ31710 Datasheet
915Kb / 33P
[Old version datasheet]   10A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31506H TI-LMZ31506H_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ30606 TI-LMZ30606_15 Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com