Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMZ14201EXT Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce LMZ14201EXT
Description  1A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Demanding Environments and Rugged Applications
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LMZ14201EXT Fiches technique(HTML) 3 Page - Texas Instruments

  LMZ14201EXT Datasheet HTML 1Page - Texas Instruments LMZ14201EXT Datasheet HTML 2Page - Texas Instruments LMZ14201EXT Datasheet HTML 3Page - Texas Instruments LMZ14201EXT Datasheet HTML 4Page - Texas Instruments LMZ14201EXT Datasheet HTML 5Page - Texas Instruments LMZ14201EXT Datasheet HTML 6Page - Texas Instruments LMZ14201EXT Datasheet HTML 7Page - Texas Instruments LMZ14201EXT Datasheet HTML 8Page - Texas Instruments LMZ14201EXT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Exposed Pad
Connect to GND
5
SS
6
FB
3
EN
1
VIN
2
RON
4
GND
7
VOUT
LMZ14201EXT
www.ti.com
SNVS664H – JUNE 2010 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
NDW Package
7-Pin TO-PMOD
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
Enable — Input to the precision enable comparator. Rising threshold is 1.18 V nominal; 90 mV
EN
3
Analog
hysteresis nominal. Maximum recommended input level is 6.5 V.
Exposed Pad — Internally connected to pin 4. Used to dissipate heat from the package during
EP
Ground
operation. Must be electrically connected to pin 4 external to the package.
Feedback — Internally connected to the regulation, overvoltage, and short circuit comparators.
FB
6
Analog
The regulation reference point is 0.8 V at this input pin. Connected the feedback resistor divider
between the output and ground to set the output voltage.
GND
4
Ground
Ground — Reference point for all stated voltages. Must be externally connected to EP.
ON-Time Resistor — An external resistor from VIN to this pin sets the ON-time of the application.
RON
2
Analog
Typical values range from 25 k
Ω to 124 kΩ.
Soft-Start — An internal 8-µA current source charges an external capacitor to produce the soft-
SS
5
Analog
start function. This node is discharged at 200 µA during disable, overcurrent, thermal shutdown
and internal UVLO conditions.
Supply input — Nominal operating range is 6 V to 42 V. A small amount of internal capacitance
VIN
1
Power
is contained within the package assembly. Additional external input capacitance is required
between this pin and exposed pad.
Output Voltage — Output from the internal inductor. Connect the output capacitor between this
VOUT
7
Power
pin and exposed pad.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VIN, RON to GND
–0.3
43.5
V
EN, FB, SS to GND
–0.3
7
V
Junction Temperature
150
°C
Peak Reflow Case Temperature (30 sec)
245
°C
Storage Temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
For soldering specifications, refer to Absolute Maximum Ratings for Soldering, (SNOA549).
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin. Test method is per JESD-22-114.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMZ14201EXT


Numéro de pièce similaire - LMZ14201EXT

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LMZ14201EXT NSC-LMZ14201EXT Datasheet
3Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
LMZ14201EXTTZ NSC-LMZ14201EXTTZ Datasheet
3Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
LMZ14201EXTTZ NSC-LMZ14201EXTTZ Datasheet
748Kb / 10P
   LMZ1420xEXT/ LMZ1200xEXT Evaluation Board
LMZ14201EXTTZE NSC-LMZ14201EXTTZE Datasheet
3Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
LMZ14201EXTTZX NSC-LMZ14201EXTTZX Datasheet
3Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
More results

Description similaire - LMZ14201EXT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMZ14202EXT TI-LMZ14202EXT_15 Datasheet
6Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ12003EXT TI-LMZ12003EXT_15 Datasheet
1Mb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ10504EXT TI-LMZ10504EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ10503EXT TI-LMZ10503EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ10505EXT TI-LMZ10505EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ14203EXT TI-LMZ14203EXT_15 Datasheet
6Mb / 31P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Military and Rugged Applications
LMZ12002EXT TI-LMZ12002EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ12002EXT 2-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
logo
National Semiconductor ...
LMZ14201EXT NSC-LMZ14201EXT Datasheet
3Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
logo
Texas Instruments
LMZ12001EXT TI1-LMZ12001EXT Datasheet
3Mb / 23P
[Old version datasheet]   1A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
logo
National Semiconductor ...
LMZ10503EXT NSC-LMZ10503EXT Datasheet
1Mb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com