Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMZ12003EXT Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce LMZ12003EXT
Description  3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LMZ12003EXT Fiches technique(HTML) 6 Page - Texas Instruments

Back Button LMZ12003EXT_15 Datasheet HTML 2Page - Texas Instruments LMZ12003EXT_15 Datasheet HTML 3Page - Texas Instruments LMZ12003EXT_15 Datasheet HTML 4Page - Texas Instruments LMZ12003EXT_15 Datasheet HTML 5Page - Texas Instruments LMZ12003EXT_15 Datasheet HTML 6Page - Texas Instruments LMZ12003EXT_15 Datasheet HTML 7Page - Texas Instruments LMZ12003EXT_15 Datasheet HTML 8Page - Texas Instruments LMZ12003EXT_15 Datasheet HTML 9Page - Texas Instruments LMZ12003EXT_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
50
55
60
65
70
75
80
85
90
95
100
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
3.3
2.5
1.8
1.5
1.2
0.8
85°C
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
3.3
2.5
1.8
1.5
1.2
0.8
85°C
0
0.5
1
1.5
2
2.5
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
25°C
5.0
3.3
2.5
1.8
1.5
0.8
1.2
50
55
60
65
70
75
80
85
90
95
100
0
0.5
1
1.5
2
2.5
3
0.8
1.2
1.5
1.8
2.5
3.3
5.0
25°C
OUTPUT CURRENT (A)
LMZ12003EXT
SNVS663H – JUNE 2010 – REVISED AUGUST 2015
www.ti.com
6.6 Typical Characteristics
Unless otherwise specified, the following conditions apply: VIN = 12 V; CIN = 10-µF X7R Ceramic; CO = 100-µF X7R Ceramic;
TA = 25°C for efficiency curves and waveforms.
Figure 1. Efficiency 6-V Input at 25°C
Figure 2. Dissipation 6-V Input at 25°C
Figure 3. Efficiency 12-V Input at 25°C
Figure 4. Dissipation 12-V Input at 25°C
Figure 5. Efficiency 6-V Input at 85°C
Figure 6. Dissipation 6-V Input at 85°C
6
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LMZ12003EXT


Numéro de pièce similaire - LMZ12003EXT_15

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LMZ12003EXTTZ NSC-LMZ12003EXTTZ Datasheet
748Kb / 10P
   LMZ1420xEXT/ LMZ1200xEXT Evaluation Board
logo
Texas Instruments
LMZ12003EXTTZ TI1-LMZ12003EXTTZ Datasheet
3Mb / 19P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
LMZ12003EXTTZE TI1-LMZ12003EXTTZE Datasheet
3Mb / 19P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
LMZ12003EXTTZX TI1-LMZ12003EXTTZX Datasheet
3Mb / 19P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
More results

Description similaire - LMZ12003EXT_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMZ14201EXT TI-LMZ14201EXT_15 Datasheet
6Mb / 32P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ14202EXT TI-LMZ14202EXT_15 Datasheet
6Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ10503EXT TI-LMZ10503EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ10504EXT TI-LMZ10504EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ10505EXT TI-LMZ10505EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ12002EXT TI-LMZ12002EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ12002EXT 2-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ14203EXT TI-LMZ14203EXT_15 Datasheet
6Mb / 31P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Military and Rugged Applications
LMZ22003 TI-LMZ22003_15 Datasheet
1Mb / 33P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10503EXT NSC-LMZ10503EXT Datasheet
1Mb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
logo
Texas Instruments
LMZ12003EXT TI1-LMZ12003EXT Datasheet
3Mb / 19P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com