Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BYC10-600 Fiches technique(PDF) 2 Page - Unisonic Technologies

No de pièce BYC10-600
Description  ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BYC10-600 Fiches technique(HTML) 2 Page - Unisonic Technologies

  BYC10-600_15 Datasheet HTML 1Page - Unisonic Technologies BYC10-600_15 Datasheet HTML 2Page - Unisonic Technologies BYC10-600_15 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BYC10
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-023.c
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Peak Repetitive Reverse Voltage
VRRM
600
V
Crest Working Reverse Voltage
VRWM
600
V
Continuous Reverse Voltage TTab ≤ 114°C
VR
500
V
Average Forward Current
δ =0.5; with reapplied VRRM(max);
TTab ≤78°C
IF(AV)
10
A
Repetitive Peak Forward
Current
δ =0.5; with reapplied VRRM(max);
TTab ≤78°C
IFRM
20
A
Non-Repetitive Peak
Forward Current.
t = 10ms
IFSM
65
A
t = 8.3ms
sinusoidal; TJ =150°C prior to
surge with reapplied VRWM(max)
71
A
Operating Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
60
K/W
Junction to Tab
TO-220/TO-220-2
θJB
2
K/W
TO-220F
5
K/W
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Forward Voltage
VF
IF =10A, TJ =150°C
1.4
1.8
V
IF =20A, TJ =150°C
1.7
2.3
V
IF =10A
2.0
2.9
V
Reverse Current
IR
VR=600V
9
200
µA
VR=500V, TJ=100°C
1.1
3.0
mA
Reverse Recovery Time
tRR
IF =1A, VR=30V, dIF/dt=50A/μs
35
55
ns
IF=10A, VR=400V, dIF/dt=500A/μs
19
ns
TJ=100°C
32
40
ns
Peak Reverse Recovery Current
IRRM
IF=10A,VR=400V, dIF/dt=100A/μs, TJ=125°C
3
7.5
A
IF=10A,VR=400V, dIF/dt=500A/μs, TJ=125°C
9.5
12
A
Forward Recovery Voltage
VFR
IF =10A, dIF/dt=100A/μs
8
11
V


Numéro de pièce similaire - BYC10-600_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BYC10-600 PHILIPS-BYC10-600_15 Datasheet
190Kb / 9P
   Hyperfast power diode
27 May 2013
More results

Description similaire - BYC10-600_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BYC5-600 PHILIPS-BYC5-600 Datasheet
57Kb / 6P
   Rectifier diode ultrafast, low switching loss
September 1998 Rev 1.100
logo
Unisonic Technologies
BYC8-600 UTC-BYC8-600 Datasheet
144Kb / 3P
   ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE
logo
NXP Semiconductors
BYC8-600 PHILIPS-BYC8-600 Datasheet
59Kb / 6P
   Rectifier diode ultrafast, low switching loss
September 1998 Rev 1.100
BYC8B-600 PHILIPS-BYC8B-600 Datasheet
62Kb / 6P
   Rectifier diode ultrafast, low switching loss
October 1998 Rev 1.200
BYC10B-600 PHILIPS-BYC10B-600_15 Datasheet
121Kb / 8P
   Rectifier diode ultrafast, low switching loss
March 2001
logo
Unisonic Technologies
BYC5 UTC-BYC5 Datasheet
165Kb / 3P
   ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE
BYC5-600 UTC-BYC5-600 Datasheet
132Kb / 3P
   ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE
logo
WeEn Semiconductors
BYC10B-600 WEEN-BYC10B-600 Datasheet
936Kb / 8P
   Rectifier diode ultrafast, low switching loss
logo
NXP Semiconductors
BYC5-600 PHILIPS-BYC5-600 Datasheet
63Kb / 6P
   Rectifier diode ultrafast, low switching loss
September 1998
BYC10-600 PHILIPS-BYC10-600 Datasheet
58Kb / 6P
   Rectifier diode ultrafast, low switching loss
September 1998 Rev 1.100
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com