Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4124DY Fiches technique(PDF) 1 Page - Vishay Telefunken

No de pièce SI4124DY
Description  N-Channel 40-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TFUNK [Vishay Telefunken]
Site Internet  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4124DY Fiches technique(HTML) 1 Page - Vishay Telefunken

  SI4124DY Datasheet HTML 1Page - Vishay Telefunken SI4124DY Datasheet HTML 2Page - Vishay Telefunken SI4124DY Datasheet HTML 3Page - Vishay Telefunken SI4124DY Datasheet HTML 4Page - Vishay Telefunken SI4124DY Datasheet HTML 5Page - Vishay Telefunken SI4124DY Datasheet HTML 6Page - Vishay Telefunken SI4124DY Datasheet HTML 7Page - Vishay Telefunken SI4124DY Datasheet HTML 8Page - Vishay Telefunken SI4124DY Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
Si4124DY
New Product
Document Number: 68601
S09-0392-Rev. B, 09-Mar-09
www.vishay.com
1
N-Channel 40-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Available
TrenchFET® Power MOSFET
100 % Rg Tested
APPLICATIONS
Synchronous Rectification
DC/DC
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
d
Qg (Typ.)
40
0.0075 at VGS = 10 V
20.5
21 nC
0.009 at VGS = 4.5 V
18.7
D
S
D
D
G
D
SO-8
5
6
7
8
Top View
2
3
4
1
S
S
Ordering Information: Si4124DY-T1-E3 (Lead (Pb)-free)
Si4124DY-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
G
D
S
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
b. t = 10 s.
c. Maximum under Steady State conditions is 85 °C/W.
d. Based on TC = 25 °C.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
20.5
A
TC = 70 °C
16.4
TA = 25 °C
13.6a, b
TA = 70 °C
10.9a, b
Pulsed Drain Current
IDM
50
Avalanche Current
L = 0.1 mH
IAS
33
Avalanche Energy
EAS
54
mJ
Continuous Source-Drain Diode Current
TC = 25 °C
IS
4.7
A
TA = 25 °C
2.1a, b
Maximum Power Dissipation
TC = 25 °C
PD
5.7
W
TC = 70 °C
3.6
TA = 25 °C
2.5a, b
TA = 70 °C
1.6a, b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta, c
t
≤ 10 s
RthJA
39
50
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
18
22


Numéro de pièce similaire - SI4124DY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4124DY VISHAY-SI4124DY Datasheet
256Kb / 10P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 09-Mar-09
SI4124DY VISHAY-SI4124DY Datasheet
210Kb / 9P
   N-Channel 40 V (D-S) MOSFET
01-Jan-2022
SI4124DY-T1-E3 VISHAY-SI4124DY-T1-E3 Datasheet
256Kb / 10P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 09-Mar-09
logo
VBsemi Electronics Co.,...
SI4124DY-T1-E3 VBSEMI-SI4124DY-T1-E3 Datasheet
979Kb / 9P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI4124DY-T1-E3 VISHAY-SI4124DY-T1-E3 Datasheet
210Kb / 9P
   N-Channel 40 V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - SI4124DY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 18-Aug-03
SIRA58DP VISHAY-SIRA58DP Datasheet
409Kb / 13P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
SUM90N04-3M3P VISHAY-SUM90N04-3M3P Datasheet
185Kb / 8P
   N-Channel 40 V (D-S) MOSFET
Rev. B, 02-Dec-13
logo
Analog Power
AM2340N ANALOGPOWER-AM2340N Datasheet
326Kb / 5P
   N-Channel 40-V (D-S) MOSFET
AM90N04-01P ANALOGPOWER-AM90N04-01P Datasheet
315Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7156DP VISHAY-SI7156DP Datasheet
108Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 09-Feb-09
SISS10DN VISHAY-SISS10DN Datasheet
330Kb / 9P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
logo
Analog Power
AM2344N ANALOGPOWER-AM2344N Datasheet
313Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI2318CDS VISHAY-SI2318CDS Datasheet
236Kb / 10P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 04-Oct-10
SI4154DY VISHAY-SI4154DY Datasheet
91Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 01-Jun-09
SI4446DY VISHAY-SI4446DY Datasheet
265Kb / 9P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 02-Mar-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com