Moteur de recherche de fiches techniques de composants électroniques |
|
ML2111 Fiches technique(PDF) 1 Page - Micro Linear Corporation |
|
ML2111 Fiches technique(HTML) 1 Page - Micro Linear Corporation |
1 / 26 page May 1997 ML2111* Universal Dual High Frequency Filter BLOCK DIAGRAM 1 GENERAL DESCRIPTION The ML2111 consists of two independent switched capacitor filters that operate at up to 150kHz and perform second order filter functions such as lowpass, bandpass, highpass, notch and allpass. All filter configurations, including Butterworth, Bessel, Cauer, and Chebyshev can be formed. The center frequency of these filters is tuned by an external clock or the external clock and resistor ratio. The ML2111 frequency range is specified up to 150kHz with ±5.0V ±10% power supplies. Using a single 5.0V ±10% power supply the frequency range is up to 100kHz. These filters are ideal where center frequency accuracy and high Qs are needed. The ML2111 is a pin compatible superior replacement for MF10, LMF100, and LTC1060 filters. FEATURES s Specified for operation up to 150kHz s Center frequency x Q product £ 5MHz s Separate highpass, notch, allpass, bandpass, and lowpass outputs s Center frequency accuracy of ±0.4% or ±0.8% max. s Q accuracy of ±4% or ±8% max. s Clock inputs are TTL or CMOS compatible s Single 5V (±2.25V) or ±5V supply operation 3 N/AP/HPA 2 BPA 1 LPA 4 INVA 5 S1A S2A 10 CLKA 11 CLKB 12 50/100HOLD 9 LEVEL SHIFT CONTROL LEVEL SHIFT NON-OVERLAP CLOCK LEVEL SHIFT NON-OVERLAP CLOCK 19 BPB 20 LPB 17 INVB AGND 15 16 18 N/AP/HPB S1B 6 SA/B S2B 8 VD+ 7 VA+ 14 VA- 13 VD- - + - + ∫ ∫ + Σ - - ∫ ∫ + Σ - - * Some Packages Are End Of Life and Obsolete |
Numéro de pièce similaire - ML2111 |
|
Description similaire - ML2111 |