Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI6954ADQ Fiches technique(PDF) 6 Page - Vishay Telefunken

No de pièce SI6954ADQ
Description  N-Channel 2.5-V (G-S) Battery Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TFUNK [Vishay Telefunken]
Site Internet  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI6954ADQ Fiches technique(HTML) 6 Page - Vishay Telefunken

Back Button SI6954ADQ Datasheet HTML 2Page - Vishay Telefunken SI6954ADQ Datasheet HTML 3Page - Vishay Telefunken SI6954ADQ Datasheet HTML 4Page - Vishay Telefunken SI6954ADQ Datasheet HTML 5Page - Vishay Telefunken SI6954ADQ Datasheet HTML 6Page - Vishay Telefunken SI6954ADQ Datasheet HTML 7Page - Vishay Telefunken SI6954ADQ Datasheet HTML 8Page - Vishay Telefunken SI6954ADQ Datasheet HTML 9Page - Vishay Telefunken SI6954ADQ Datasheet HTML 10Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AN1001
Vishay Siliconix
Document Number: 70571
12-Dec-03
www.vishay.com
1
LITTLE FOOTR TSSOP-8
The Next Step in Surface-Mount Power MOSFETs
Wharton McDaniel and David Oldham
When Vishay Siliconix introduced its LITTLE FOOT
MOSFETs, it was the first time that power MOSFETs had been
offered in a true surface-mount package, the SOIC. LITTLE
FOOT immediately found a home in new small form factor disk
drives, computers, and cellular phones.
The new LITTLE FOOT TSSOP-8 power MOSFETs are the
natural evolutionary response to the continuing demands of
many markets for smaller and smaller packages. LITTLE
FOOT TSSOP-8 MOSFETs have a smaller footprint and a
lower profile than LITTLE FOOT SOICs, while maintaining low
rDS(on) and high thermal performance. Vishay Siliconix has
accomplished this by putting one or two high-density MOSFET
die in a standard 8-pin TSSOP package mounted on a custom
leadframe.
THE TSSOP-8 PACKAGE
LITTLE FOOT TSSOP-8 power MOSFETs require
approximately half the PC board area of an equivalent LITTLE
FOOT device (Figure 1). In addition to the reduction in board
area, the package height has been reduced to 1.1 mm.
Top View
Side View
Figure 1.
An TSSOP-8 Package Next to a SOIC-8 Package
with Views from Both Top and Side
This is the low profile demanded by applications such as
PCMCIA cards.
It reduces the power package to the same height as many
resistors and capacitors in 0805 and 0605 sizes. It also allows
placement on the “passive” side of the PC board.
The standard pinouts of the LITTLE FOOT TSSOP-8
packages have been changed from the standard established
by LITTLE FOOT. This change minimizes the contribution of
interconnection resistance to rDS(on) and maximizes the
transfer of heat out of the package.
Figure 2 shows the pinouts for a single-die TSSOP. Notice that
both sides of the package have Source and Drain
connections, whereas LITTLE FOOT has the Source and Gate
connections on one side of the package, and the Drain
connections are on the opposite side.
Figure 2.
Pinouts for Single Die TSSOP
Drain
Source
Source
Gate
Source
Source
Drain
Drain
Figure 3 shows the standard pinouts for a dual-die TSSOP-8.
In this case, the connections for each individual MOSFET
occupy one side.
Figure 3.
Pinouts for Dual-Die TSSOP
Drain 1
Source 1
Source 1
Gate 1
Source 2
Source 2
Drain 2
Gate 2


Numéro de pièce similaire - SI6954ADQ

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI6954ADQ VISHAY-SI6954ADQ Datasheet
61Kb / 4P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. A, 24-Jan-00
SI6954ADQ VISHAY-SI6954ADQ Datasheet
214Kb / 10P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. C, 02-Jun-08
SI6954ADQ VISHAY-SI6954ADQ Datasheet
222Kb / 10P
   N-Channel 2.5-V (G-S) Battery Switch
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI6954ADQ-T1-E3 VBSEMI-SI6954ADQ-T1-E3 Datasheet
936Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI6954ADQ-T1-GE3 VISHAY-SI6954ADQ-T1-GE3 Datasheet
214Kb / 10P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. C, 02-Jun-08
More results

Description similaire - SI6954ADQ

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI6954ADQ VISHAY-SI6954ADQ_V01 Datasheet
222Kb / 10P
   N-Channel 2.5-V (G-S) Battery Switch
01-Jan-2022
SI6954ADQ VISHAY-SI6954ADQ Datasheet
61Kb / 4P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. A, 24-Jan-00
SI6968DQ VISHAY-SI6968DQ Datasheet
60Kb / 4P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. E, 02-Nov-98
SI6968ADQ VISHAY-SI6968ADQ Datasheet
62Kb / 4P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. A, 20-Dec-99
SI6954ADQ VISHAY-SI6954ADQ_08 Datasheet
214Kb / 10P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. C, 02-Jun-08
SI6924AEDQ VISHAY-SI6924AEDQ_08 Datasheet
231Kb / 12P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. B, 12-May-08
SI6965DQ VISHAY-SI6965DQ Datasheet
53Kb / 4P
   P-Channel 2.5-V (G-S) Battery Switch
Rev. B, 02-Nov-98
SI6924EDQ VISHAY-SI6924EDQ Datasheet
49Kb / 5P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. C, 30-Nov-98
SI6924AEDQ VISHAY-SI6924AEDQ Datasheet
52Kb / 6P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. A, 13-May-03
SI6924AEDQ VISHAY-SI6924AEDQ_V01 Datasheet
119Kb / 7P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com