Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4202DY Fiches technique(PDF) 2 Page - Vishay Telefunken

No de pièce SI4202DY
Description  Dual N-Channel 30 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TFUNK [Vishay Telefunken]
Site Internet  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4202DY Fiches technique(HTML) 2 Page - Vishay Telefunken

  SI4202DY Datasheet HTML 1Page - Vishay Telefunken SI4202DY Datasheet HTML 2Page - Vishay Telefunken SI4202DY Datasheet HTML 3Page - Vishay Telefunken SI4202DY Datasheet HTML 4Page - Vishay Telefunken SI4202DY Datasheet HTML 5Page - Vishay Telefunken SI4202DY Datasheet HTML 6Page - Vishay Telefunken SI4202DY Datasheet HTML 7Page - Vishay Telefunken SI4202DY Datasheet HTML 8Page - Vishay Telefunken SI4202DY Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 67092
S10-2602-Rev. A, 15-Nov-10
Vishay Siliconix
Si4202DY
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
30
V
VDS Temperature Coefficient
V
DS/TJ
ID = 250 µA
33
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
- 5.3
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.0
2.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
µA
VDS = 30 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS 5 V, VGS = 10 V
20
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 8 A
0.0115
0.0140
VGS = 4.5 V, ID = 5 A
0.0138
0.0170
Forward Transconductancea
gfs
VDS = 15 V, ID = 8 A
33
S
Dynamicb
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 MHz
710
pF
Output Capacitance
Coss
146
Reverse Transfer Capacitance
Crss
63
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 8 A
11.2
17
nC
VDS = 15 V, VGS = 4.5 V, ID = 8 A
5.4
8
Gate-Source Charge
Qgs
1.6
Gate-Drain Charge
Qgd
1.6
Gate Resistance
Rg
f = 1 MHz
0.5
2.5
5
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 3 
ID  5 A, VGEN = 4.5 V, Rg = 1 
11
22
ns
Rise Time
tr
18
35
Turn-Off Delay Time
td(off)
14
28
Fall Time
tf
816
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 3 
ID  5 A, VGEN = 10 V, Rg = 1 
816
Rise Time
tr
918
Turn-Off Delay Time
td(off)
17
34
Fall Time
tf
816
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
3.1
A
Pulse Diode Forward Currenta
ISM
50
Body Diode Voltage
VSD
IS = 3 A
0.75
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 5 A, dI/dt = 100 A/µs, TJ = 25 °C
13
26
ns
Body Diode Reverse Recovery Charge
Qrr
5.5
11
nC
Reverse Recovery Fall Time
ta
8
ns
Reverse Recovery Rise Time
tb
5


Numéro de pièce similaire - SI4202DY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4202DY VISHAY-SI4202DY Datasheet
255Kb / 10P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 15-Nov-10
logo
SHENZHEN DOINGTER SEMIC...
SI4202DY DOINGTER-SI4202DY Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Vishay Siliconix
SI4202DY VISHAY-SI4202DY Datasheet
189Kb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI4202DY-T1-E3 VBSEMI-SI4202DY-T1-E3 Datasheet
1,004Kb / 9P
   N-Channel 0-V (D-S) MOSFET
logo
Vishay Siliconix
SI4202DY-T1-GE3 VISHAY-SI4202DY-T1-GE3 Datasheet
255Kb / 10P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 15-Nov-10
More results

Description similaire - SI4202DY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com