Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS51367 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TPS51367
Description  22-V Input, 12-A Integrated FET Converter With Ultra-Low Quiescent ( ULQ??
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS51367 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS51367_15 Datasheet HTML 6Page - Texas Instruments TPS51367_15 Datasheet HTML 7Page - Texas Instruments TPS51367_15 Datasheet HTML 8Page - Texas Instruments TPS51367_15 Datasheet HTML 9Page - Texas Instruments TPS51367_15 Datasheet HTML 10Page - Texas Instruments TPS51367_15 Datasheet HTML 11Page - Texas Instruments TPS51367_15 Datasheet HTML 12Page - Texas Instruments TPS51367_15 Datasheet HTML 13Page - Texas Instruments TPS51367_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
1.03
1.04
1.05
1.06
1.07
Output Current (A)
VIN = 7.4V
VIN = 11.1V
VIN = 20V
fSW = 400kHz
LOUT = 1µH
TA = 25°C
VOUT = 1.05V
G011
0.001
0.01
0.1
1
12
1.03
1.04
1.05
1.06
1.07
Output Current (A)
VIN = 7.4V
VIN = 11.1V
VIN = 20V
fSW = 800kHz
LOUT = 0.33µH
TA = 25°C
VOUT = 1.05V
G012
0.001
0.01
0.1
1
12
300
350
400
450
500
550
600
1
2
3
4
5
6
7
8
9
10
11
12
Output Current (A)
VIN = 7.4V
VIN = 11.1V
VIN = 20V
fSW = 400kHz
LOUT = 1µH
TA = 25°C
VOUT = 1.35V
G009
600
650
700
750
800
850
900
950
1000
1
2
3
4
5
6
7
8
9
10
11
12
Output Current (A)
VIN = 7.4V
VIN = 11.1V
VIN = 20V
fSW = 800kHz
LOUT = 0.33µH
TA = 25°C
VOUT = 1.35V
G010
300
350
400
450
500
550
600
1
2
3
4
5
6
7
8
9
10
11
12
Output Current (A)
VIN = 7.4V
VIN = 11.1V
VIN = 20V
fSW = 400kHz
LOUT = 1µH
TA = 25°C
VOUT = 1.05V
G007
600
650
700
750
800
850
900
950
1000
1
2
3
4
5
6
7
8
9
10
11
12
Output Current (A)
VIN = 7.4V
VIN = 11.1V
VIN = 20V
fSW = 800kHz
LOUT = 0.33µH
TA = 25°C
VOUT = 1.05V
G008
TPS51367
SLUSBB7A – MARCH 2013 – REVISED JUNE 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
FREQUENCY
FREQUENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 7.
Figure 8.
FREQUENCY
FREQUENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 9.
Figure 10.
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 11.
Figure 12.
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS51367


Numéro de pièce similaire - TPS51367_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51367RVER TI-TPS51367RVER Datasheet
10Mb / 32P
[Old version datasheet]   22-V Input, 12-A Integrated FET Converter With Ultra-Low Quiescent
TPS51367RVET TI-TPS51367RVET Datasheet
10Mb / 32P
[Old version datasheet]   22-V Input, 12-A Integrated FET Converter With Ultra-Low Quiescent
More results

Description similaire - TPS51367_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51362 TI1-TPS51362_17 Datasheet
2Mb / 29P
[Old version datasheet]   22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent ( ULQ)
TPS51367 TI-TPS51367 Datasheet
10Mb / 32P
[Old version datasheet]   22-V Input, 12-A Integrated FET Converter With Ultra-Low Quiescent
TPS51362 TI-TPS51362 Datasheet
2Mb / 29P
[Old version datasheet]   22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent
TPS51363 TI-TPS51363 Datasheet
1Mb / 32P
[Old version datasheet]   22-V Input, 8-A or 10-A Converter With Integrated FET
TPS61222-EP TI1-TPS61222-EP_16 Datasheet
961Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
TPS61222-EP TI-TPS61222-EP_15 Datasheet
926Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-關A QUIESCENT CURRENT
TPS51285A TI-TPS51285A Datasheet
1Mb / 32P
[Old version datasheet]   Ultra-Low Quiescent (ULQ?? Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
TPS51285A TI1-TPS51285A_16 Datasheet
1Mb / 29P
[Old version datasheet]   Ultra-Low Quiescent (ULQ) Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
TPS61022 TI1-TPS61022_19 Datasheet
2Mb / 30P
[Old version datasheet]   8-A Boost converter with 0.5-V ultra-low input voltage
TPS61021 TI1-TPS61021 Datasheet
4Mb / 27P
[Old version datasheet]   3-A Boost Converter with 0.5-V Ultra Low Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com