Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI1070X Fiches technique(PDF) 5 Page - Vishay Telefunken

No de pièce SI1070X
Description  N-Channel 30 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TFUNK [Vishay Telefunken]
Site Internet  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI1070X Fiches technique(HTML) 5 Page - Vishay Telefunken

  SI1070X Datasheet HTML 1Page - Vishay Telefunken SI1070X Datasheet HTML 2Page - Vishay Telefunken SI1070X Datasheet HTML 3Page - Vishay Telefunken SI1070X Datasheet HTML 4Page - Vishay Telefunken SI1070X Datasheet HTML 5Page - Vishay Telefunken SI1070X Datasheet HTML 6Page - Vishay Telefunken SI1070X Datasheet HTML 7Page - Vishay Telefunken SI1070X Datasheet HTML 8Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 73893
S10-2542-Rev. D, 08-Nov-10
www.vishay.com
5
Vishay Siliconix
Si1070X
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?73893.
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
1
10
100
1000
10-1
10-4
Square Wave Pulse Duration (s)
10-4
10-3
10-2
10-1
1
Single Pulse
0.02
0.05
0.1
0.2
Duty Cycle = 0.5
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 540 ° C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM


Numéro de pièce similaire - SI1070X

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI1070X VISHAY-SI1070X Datasheet
97Kb / 6P
   N-Channel 30-V (D-S) MOSFET
S-81528-Rev. C, 30-Jun-08
SI1070X VISHAY-SI1070X Datasheet
123Kb / 8P
   N-Channel 30 V (D-S) MOSFET
Rev. D, 08-Nov-10
SI1070X VISHAY-SI1070X Datasheet
153Kb / 8P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI1070X-T1-E3 VISHAY-SI1070X-T1-E3 Datasheet
97Kb / 6P
   N-Channel 30-V (D-S) MOSFET
S-81528-Rev. C, 30-Jun-08
SI1070X-T1-GE3 VISHAY-SI1070X-T1-GE3 Datasheet
97Kb / 6P
   N-Channel 30-V (D-S) MOSFET
S-81528-Rev. C, 30-Jun-08
More results

Description similaire - SI1070X

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com