Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESD311-U1-02N Fiches technique(PDF) 4 Page - Infineon Technologies AG

No de pièce ESD311-U1-02N
Description  Pb-free (RoHS compliant) and halogen free package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD311-U1-02N Fiches technique(HTML) 4 Page - Infineon Technologies AG

  ESD311-U1-02N Datasheet HTML 1Page - Infineon Technologies AG ESD311-U1-02N Datasheet HTML 2Page - Infineon Technologies AG ESD311-U1-02N Datasheet HTML 3Page - Infineon Technologies AG ESD311-U1-02N Datasheet HTML 4Page - Infineon Technologies AG ESD311-U1-02N Datasheet HTML 5Page - Infineon Technologies AG ESD311-U1-02N Datasheet HTML 6Page - Infineon Technologies AG ESD311-U1-02N Datasheet HTML 7Page - Infineon Technologies AG ESD311-U1-02N Datasheet HTML 8Page - Infineon Technologies AG ESD311-U1-02N Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ESD311-U1-02N
Maximum Ratings
Final Data Sheet
4
Revision 1.0, 2014-05-28
2
Maximum Ratings
Attention: Stresses above the max. values listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. Maximum ratings are absolute ratings; exceeding only one of these values may
cause irreversible damage to the integrated circuit.
3
Electrical Characteristics
Figure 3-1 Definitions of electrical characteristics
Table 2-1
Maximum Ratings
at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
ESD air / contact discharge1)
1) VESD according to IEC61000-4-2
VESD
±30
kV
Peak pulse power2)
PPK
800
W
Peak pulse current2)
2) Non-repetitive current pulse 8/20µs exponential decay waveform according to IEC61000-4-5
IPP
28
A
Operating temperature range
TOP
-40 to 125
°C
Storage temperature
Tstg
-65 to 150
°C










! "  ! !# $  
%&  
' &(
 '
 &) 
 
'
 ')
 



Numéro de pièce similaire - ESD311-U1-02N

FabricantNo de pièceFiches techniqueDescription
logo
AVX Corporation
ESD31C104J4T2A18 AVX-ESD31C104J4T2A18 Datasheet
991Kb / 1P
   ESD Withstanding MLC Capacitor
ESD31C104J4T4A18 AVX-ESD31C104J4T4A18 Datasheet
991Kb / 1P
   ESD Withstanding MLC Capacitor
ESD31C104JAT2A18 AVX-ESD31C104JAT2A18 Datasheet
991Kb / 1P
   ESD Withstanding MLC Capacitor
ESD31C104JAT4A18 AVX-ESD31C104JAT4A18 Datasheet
991Kb / 1P
   ESD Withstanding MLC Capacitor
ESD31C104JAZ2A18 AVX-ESD31C104JAZ2A18 Datasheet
991Kb / 1P
   ESD Withstanding MLC Capacitor
More results

Description similaire - ESD311-U1-02N

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
ESD221-U1-02EL INFINEON-ESD221-U1-02EL Datasheet
432Kb / 14P
   Pb-free (RoHS compliant) and halogen free package
Revision 1.0, 2014-05-20
ESD205-B1 INFINEON-ESD205-B1 Datasheet
969Kb / 16P
   Pb-free and halogen free package
Revision 1.4, 2014-05-14
ESD113-B1 INFINEON-ESD113-B1 Datasheet
740Kb / 16P
   Pb-free and halogen-free package
Revision 1.2, 2014-05-14
logo
COSMO Electronics Corp...
KT1000 COSMO-KT1000 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
KT1010 COSMO-KT1010 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
KT1600 COSMO-KT1600 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
logo
M/A-COM Technology Solu...
MAFL-011057 MA-COM-MAFL-011057 Datasheet
223Kb / 6P
   RoHS Compliant and Pb free
logo
Abracon Corporation
ALFB-01 ABRACON-ALFB-01 Datasheet
535Kb / 1P
   RoHS compliant and Pb free
10.30.13
logo
COSMO Electronics Corp...
KT1200 COSMO-KT1200 Datasheet
159Kb / 8P
   Pb free and RoHS compliant
KTLP160J COSMO-KTLP160J_13 Datasheet
129Kb / 6P
   Pb free and RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com