Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESD103-B1-02ELS Fiches technique(PDF) 8 Page - Infineon Technologies AG

No de pièce ESD103-B1-02ELS
Description  Bi-directional Femto Farad Capacitance TVS Diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD103-B1-02ELS Fiches technique(HTML) 8 Page - Infineon Technologies AG

Back Button ESD103-B1-02ELS Datasheet HTML 4Page - Infineon Technologies AG ESD103-B1-02ELS Datasheet HTML 5Page - Infineon Technologies AG ESD103-B1-02ELS Datasheet HTML 6Page - Infineon Technologies AG ESD103-B1-02ELS Datasheet HTML 7Page - Infineon Technologies AG ESD103-B1-02ELS Datasheet HTML 8Page - Infineon Technologies AG ESD103-B1-02ELS Datasheet HTML 9Page - Infineon Technologies AG ESD103-B1-02ELS Datasheet HTML 10Page - Infineon Technologies AG ESD103-B1-02ELS Datasheet HTML 11Page - Infineon Technologies AG ESD103-B1-02ELS Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ESD103-B1-02 Series
Typical Characteristics
Final Data Sheet
9
Revision 1.3, 2014-06-12
Figure 6
Clamping voltage (TLP):
I
TLP = f(VTLP) according ANSI/ESDSTM5.5.1-Electrostatistic
Discharge Sensitivity Testing using Transmission Line Pulse (TLP) Model. TLP conditions:
Z
0 =50 Ω, tp =100 ns, tr =0.6 ns, ITLP and VTLP average window: t1 =30ns to t2 =60ns,
extraction of dynamic resistance using squares fit to TLP characteristics between
I
TLP1 =2A
and
I
TLP2 = 14.1 A. Please refer to Application Note AN210[1]
-20
-15
-10
-5
0
5
10
15
20
-80 -70 -60 -50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
VTLP [V]
ESD103-B1-02ELS
RDYN
RDYN = 1.78 Ω
RDYN = 1.78 Ω


Numéro de pièce similaire - ESD103-B1-02ELS

FabricantNo de pièceFiches techniqueDescription
logo
Cooper Bussmann, Inc.
ESD10 COOPER-ESD10 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
ESD10 COOPER-ESD10 Datasheet
88Kb / 4P
   ESD BS88 Offset blade tags
logo
Eaton All Rights Reserv...
ESD10 EATON-ESD10 Datasheet
88Kb / 4P
   ESD BS88 Offset blade tags
logo
List of Unclassifed Man...
ESD100 ETC-ESD100 Datasheet
921Kb / 2P
   Bluetooth-serial Module
ESD1000 ETC2-ESD1000 Datasheet
395Kb / 2P
   OEM Bluetooth-Serial Module
More results

Description similaire - ESD103-B1-02ELS

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
ESD8V0R1B-02LRH INFINEON-ESD8V0R1B-02LRH Datasheet
614Kb / 7P
   Bi-directional Low Capacitance TVS Diode
2009-12-18
ESD204-B1-02ELS INFINEON-ESD204-B1-02ELS Datasheet
1Mb / 12P
   Bi-directional Low Capacitance TVS Diode
Revision 1.2, 2013-05-17
logo
TECH PUBLIC Electronics...
AZ5423-01F TECHPUBLIC-AZ5423-01F Datasheet
1Mb / 4P
   Low Capacitance Bi-directional TVS Diode
logo
Infineon Technologies A...
ESD8V0R1B-02LSE6327 INFINEON-ESD8V0R1B-02LSE6327 Datasheet
614Kb / 7P
   Bi-directional Low Capacitance TVS Diode
2009-12-18
logo
TECH PUBLIC Electronics...
ESD5V0B05-923 TECHPUBLIC-ESD5V0B05-923 Datasheet
913Kb / 4P
   Low Capacitance Bi-directional TVS Diode
logo
Infineon Technologies A...
ESD0P2RF-02LRH INFINEON-ESD0P2RF-02LRH_10 Datasheet
622Kb / 8P
   Bi-directional Ultra Low Capacitance TVS Diode
2010-04-12
logo
Shanghai Leiditech Elec...
PESD1LIN LEIDITECH-PESD1LIN Datasheet
605Kb / 3P
   Ultra Low Capacitance Bi-Directional TVS Diode Array
SLVU2.8-4 LEIDITECH-SLVU2.8-4_V01 Datasheet
406Kb / 3P
   Ultra Low Capacitance Bi-Directional TVS Diode Array
logo
Applied Power Microelec...
AR1211D3H APMICRO-AR1211D3H Datasheet
553Kb / 4P
   1-Line Low Capacitance Bi-directional TVS Diode
AR1511D3 APMICRO-AR1511D3 Datasheet
774Kb / 4P
   1-Line Low Capacitance Bi-directional TVS Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com