Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS40303 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TPS40303
Description  TPS4030x 3-V to 20-V Input Synchronous Buck Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS40303 Fiches technique(HTML) 1 Page - Texas Instruments

  TPS40303_15 Datasheet HTML 1Page - Texas Instruments TPS40303_15 Datasheet HTML 2Page - Texas Instruments TPS40303_15 Datasheet HTML 3Page - Texas Instruments TPS40303_15 Datasheet HTML 4Page - Texas Instruments TPS40303_15 Datasheet HTML 5Page - Texas Instruments TPS40303_15 Datasheet HTML 6Page - Texas Instruments TPS40303_15 Datasheet HTML 7Page - Texas Instruments TPS40303_15 Datasheet HTML 8Page - Texas Instruments TPS40303_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
5
4
3
2
6
7
8
9
BOOT
HDRV
SW
LDRV/OC
FB
COMP
PGOOD
EN/SS
TPS4030x
1
10
BP
VDD
PAD
V
IN
SD
V
OUT
V
IN
UDG-09158
V
OUT
GND
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS40303, TPS40304, TPS40305
SLUS964B – NOVEMBER 2009 – REVISED MAY 2015
TPS4030x 3-V to 20-V Input Synchronous Buck Controller
1 Features
3 Description
The
TPS4030x
is
a
family
of
cost-optimized
1
Input Voltage Range From 3 V to 20 V
synchronous buck controllers that operate from 3-V to
300-kHz (TPS40303), 600-kHz (TPS40304), and
20-V input. The controller implements a voltage-mode
1.2-MHz (TPS40305) Switching Frequencies
control architecture with input-voltage feed-forward
High- and Low-Side FET RDS(on) Current Sensing
compensation that responds instantly to a change in
input voltage. The switching frequency is fixed at 300
Programmable Thermally Compensated OCP
kHz, 600 kHz, or 1.2 MHz.
Levels
The Frequency Spread Spectrum (FSS) feature adds
Programmable Soft-Start
to the switching frequency, significantly reducing the
600-mV, 1% Reference Voltage
peak EMI noise and making it much easier to comply
Voltage Feed-Forward Compensation
with EMI standards.
Supports Prebiased Output
The TPS4030x offers design with a variety of user-
Frequency Spread Spectrum
programmable
functions,
including
soft-start,
Thermal Shutdown Protection at 145°C
overcurrent
protection
(OCP)
levels,
and
loop
compensation.
10-Pin 3-mm × 3-mm SON Package With Ground
Connection to Thermal Pad
OCP level may be programmed by a single external
resistor connected from the LDRV pin to circuit
ground. During initial power on, the TPS4030x enters
2 Applications
a calibration cycle, measures the voltage at the LDRV
POL Modules
pin, and sets an internal OCP voltage level. During
Printers
operation, the programmed OCP voltage level is
compared to the voltage drop across the low-side
Digital TVs
FET when it is on to determine whether there is an
Telecom
overcurrent condition. The TPS4030x then enters a
shutdown and restart cycle until the fault is removed.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS40303
TPS40304
VSON (10)
3.00 mm × 3.00 mm
TPS40305
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Application Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Numéro de pièce similaire - TPS40303_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40303DRCR TI-TPS40303DRCR Datasheet
1Mb / 29P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40303DRCT TI-TPS40303DRCT Datasheet
1Mb / 29P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
More results

Description similaire - TPS40303_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40304A TI-TPS40304A_1 Datasheet
527Kb / 20P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A_15 Datasheet
726Kb / 19P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40345 TI1-TPS40345 Datasheet
1Mb / 26P
[Old version datasheet]   3-V to 20-V Input Synchronous Buck Controller
TPS40304A TI-TPS40304A Datasheet
445Kb / 18P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40303 TI-TPS40303 Datasheet
1Mb / 29P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40400 TI-TPS40400_15 Datasheet
2Mb / 82P
[Old version datasheet]   TPS40400 3-V to 20-V PMBus Synchronous Buck Controller
TPS40400 TI1-TPS40400 Datasheet
761Kb / 56P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40400_1110 TI-TPS40400_1110 Datasheet
1Mb / 72P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40170-EP TI-TPS40170-EP_15 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com