Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS40197 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TPS40197
Description  SYNCHRONOUS BUCK CONTROLLER WITH 4-BIT VID INTERFACE FOR SMART-REFLEX??DSPs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS40197 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS40197_15 Datasheet HTML 7Page - Texas Instruments TPS40197_15 Datasheet HTML 8Page - Texas Instruments TPS40197_15 Datasheet HTML 9Page - Texas Instruments TPS40197_15 Datasheet HTML 10Page - Texas Instruments TPS40197_15 Datasheet HTML 11Page - Texas Instruments TPS40197_15 Datasheet HTML 12Page - Texas Instruments TPS40197_15 Datasheet HTML 13Page - Texas Instruments TPS40197_15 Datasheet HTML 14Page - Texas Instruments TPS40197_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
4
HDRV
BOOT
SW
LDRV
EN
COMP
FB
VDD
BP
PGOOD
Soft Start
Ramp
Generator
5 V
Regulator
Oscillator
PWM Logic
and
Anti-Cross
Conduction
Fault
Controller
11
13
14
12
8
5
6
10
7
Power Good
Control
5.3 V
SS
VREF
Error Amplifier
5.3 V
5.3 V
SD
SD
CLK
Short Circuit
Threshold
Selector
750 K
9
GND
FAULT
SD
UVLO
SC
VDD – 0.5 V
OCL
CLK
OCH
UVLO
FAULT
FAULT
SD
FB
UVLO
VDD
4.2 V
UVLO
SC Threshold Latch
SC: 100 mV, 200 mV or 280 mV
3
15
16
1
2
REF
VID3
VID2
VID1
VID0
Dynamic
VID
D/A
IREF
IREF
5.3 V
1.5 M
TPS40197
www.ti.com
SLUS886A – NOVEMBER 2008 – REVISED JULY 2012
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2008–2012, Texas Instruments Incorporated
11


Numéro de pièce similaire - TPS40197_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40197RGYR TI1-TPS40197RGYR Datasheet
880Kb / 28P
[Old version datasheet]   SYNCHRONOUS BUCK CONTROLLER WITH 4-BIT VID INTERFACE FOR SMART-REFLEX??DSPs
TPS40197RGYT TI1-TPS40197RGYT Datasheet
880Kb / 28P
[Old version datasheet]   SYNCHRONOUS BUCK CONTROLLER WITH 4-BIT VID INTERFACE FOR SMART-REFLEX??DSPs
More results

Description similaire - TPS40197_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40197 TI1-TPS40197 Datasheet
880Kb / 28P
[Old version datasheet]   SYNCHRONOUS BUCK CONTROLLER WITH 4-BIT VID INTERFACE FOR SMART-REFLEX??DSPs
logo
ON Semiconductor
NCP5269B ONSEMI-NCP5269B Datasheet
253Kb / 12P
   Synchronous Buck Controller with 2-Bit VID Inputs
September, 2020 ??Rev. 0
NCP81278 ONSEMI-NCP81278 Datasheet
199Kb / 13P
   Compact 2-Phase Synchronous Buck Controller with Integrated Gate Drivers and PWM VID Interface
May, 2016 ??Rev. 3
logo
Cherry Semiconductor Co...
CS5150 CHERRY-CS5150 Datasheet
236Kb / 14P
   CPU 4-Bit Synchronous Buck Controller
CS5150H CHERRY-CS5150H Datasheet
322Kb / 14P
   CPU 4-Bit Synchronous Buck Controller
logo
Linear Technology
LTC3730 LINER-LTC3730_15 Datasheet
388Kb / 28P
   3-Phase, 5-Bit Intel Mobile VID, 600kHz, Synchronous Buck Controller
LTC3730 LINER-LTC3730 Datasheet
341Kb / 27P
   3-Phase, 5-Bit Intel Mobile VID, 600kHz, Synchronous Buck Controller
LTC3732 LINER-LTC3732 Datasheet
285Kb / 28P
   3-Phase, 5-Bit VID, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3732 LINER-LTC3732_15 Datasheet
294Kb / 28P
   3-Phase, 5-Bit VID, 600kHz, Synchronous Buck Switching Regulator Controller
logo
Analog Devices
ADP3164 AD-ADP3164 Datasheet
162Kb / 16P
   5-Bit Programmable 4-Phase Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com