Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCX53 Fiches technique(PDF) 5 Page - Infineon Technologies AG

No de pièce BCX53
Description  For AF driver and output stages
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCX53 Fiches technique(HTML) 5 Page - Infineon Technologies AG

  BCX53 Datasheet HTML 1Page - Infineon Technologies AG BCX53 Datasheet HTML 2Page - Infineon Technologies AG BCX53 Datasheet HTML 3Page - Infineon Technologies AG BCX53 Datasheet HTML 4Page - Infineon Technologies AG BCX53 Datasheet HTML 5Page - Infineon Technologies AG BCX53 Datasheet HTML 6Page - Infineon Technologies AG BCX53 Datasheet HTML 7Page - Infineon Technologies AG BCX53 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2011-07-29
5
BCX51...-BCX53...
Collector cutoff current ICBO = ƒ(TA)
VCBO = 30 V
10
0
50
100
150
BCX 51...53
EHP00442
T
A
5
10
10
nA
10
Ι
CB0
5
5
5
10
10
4
3
2
1
0
-1
max
typ
˚C
Transition frequency fT = ƒ(IC)
VCE = 10 V
10
10
10
10
BCX 51...53
EHP00439
f
mA
MHz
01
2
3
5
T
3
10
10 2
1
10
5
5
5
C
Ι
Total power dissipation Ptot = ƒ(TS)
0
15
30
45
60
75
90 105 120 °C
150
TS
0
0.4
0.8
1.2
1.6
W
2.4
Permissible Pulse Load RthJS = ƒ(tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-1
10
0
10
1
10
2
10
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0


Numéro de pièce similaire - BCX53

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
BCX53 NEXPERIA-BCX53 Datasheet
1Mb / 22P
   80 V, 1 A PNP medium power transistors
Rev. 9 - 19 October 2011
logo
NXP Semiconductors
BCX53 PHILIPS-BCX53 Datasheet
42Kb / 8P
   PNP medium power transistors
1999 Apr 19
logo
Central Semiconductor C...
BCX53 CENTRAL-BCX53 Datasheet
290Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Foshan Blue Rocket Elec...
BCX53 FOSHAN-BCX53 Datasheet
1Mb / 6P
   Silicon NPN transistor in a SOT-89 Plastic Package
logo
Nanjing International G...
BCX53 DGNJDZ-BCX53 Datasheet
278Kb / 2P
   PNP M edium P ow er Transistors
More results

Description similaire - BCX53

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BCX54 INFINEON-BCX54_11 Datasheet
526Kb / 8P
   For AF driver and output stages
2011-09-19
logo
Shanghai Leiditech Elec...
BCP54 LEIDITECH-BCP54 Datasheet
1,000Kb / 4P
   For AF driver and output stages
logo
First Silicon Co., Ltd
BCP55 FS-BCP55 Datasheet
533Kb / 5P
   For AF driver and output stages
logo
Infineon Technologies A...
BCP56-16E6327 INFINEON-BCP56-16E6327 Datasheet
827Kb / 7P
   For AF driver and output stages
2011-10-13
logo
Fairchild Semiconductor
BC80725MTF FAIRCHILD-BC80725MTF Datasheet
77Kb / 6P
   Suitable for AF-Driver stages and low power output stages
BC33725TA FAIRCHILD-BC33725TA Datasheet
33Kb / 3P
   Suitable for AF-Driver stages and low power output stages
logo
Infineon Technologies A...
BC847AE6327 INFINEON-BC847AE6327 Datasheet
881Kb / 13P
   For AF input stages and driver applications
2011-09-09
BC847B-E6327 INFINEON-BC847B-E6327 Datasheet
881Kb / 13P
   For AF input stages and driver applications
2011-09-09
logo
Siemens Semiconductor G...
BCP51-BCP53 SIEMENS-BCP51-BCP53 Datasheet
140Kb / 5P
   PNP Silicon AF Transistors (For AF driver and output stages High collector current)
BCP51MBCP53M SIEMENS-BCP51MBCP53M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor (For AF driver and output stages High collector current)
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com