Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIA517DJ Fiches technique(PDF) 3 Page - Vishay Telefunken

No de pièce SIA517DJ
Description  N- and P-Channel 12-V (D-S) MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TFUNK [Vishay Telefunken]
Site Internet  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIA517DJ Fiches technique(HTML) 3 Page - Vishay Telefunken

  SIA517DJ Datasheet HTML 1Page - Vishay Telefunken SIA517DJ Datasheet HTML 2Page - Vishay Telefunken SIA517DJ Datasheet HTML 3Page - Vishay Telefunken SIA517DJ Datasheet HTML 4Page - Vishay Telefunken SIA517DJ Datasheet HTML 5Page - Vishay Telefunken SIA517DJ Datasheet HTML 6Page - Vishay Telefunken SIA517DJ Datasheet HTML 7Page - Vishay Telefunken SIA517DJ Datasheet HTML 8Page - Vishay Telefunken SIA517DJ Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Document Number: 64832
S13-0463-Rev. B, 04-Mar-13
www.vishay.com
3
Vishay Siliconix
SiA517DJ
Document Number: 64832
S13-0463-Rev. B, 04-Mar-13
www.vishay.com
3
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact:: pmostechsupport@vishay.com
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
 300 µs, duty cycle  2 %.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Dynamica
Turn-On Delay Time
td(on)
N-Channel
VDD = 6 V, RL = 1.2 
ID  5.2 A, VGEN = 4.5 V, Rg = 1 
P-Channel
VDD = - 6 V, RL = 1.6 
ID  - 3.8 A, VGEN = - 4.5 V, Rg = 1 
N-Ch
10
15
ns
P-Ch
30
40
Rise Time
tr
N-Ch
10
15
P-Ch
25
40
Turn-Off Delay Time
td(off)
N-Ch
22
30
P-Ch
30
45
Fall Time
tf
N-Ch
10
15
P-Ch
20
30
Turn-On Delay Time
td(on)
N-Channel
VDD = 6 V, RL = 1.2 
ID  5.2 A, VGEN = 10 V, Rg = 1 
P-Channel
VDD = - 6 V, RL = 1.6 
ID  - 3.8 A, VGEN = - 10 V, Rg = 1 
N-Ch
5
10
P-Ch
8
15
Rise Time
tr
N-Ch
10
15
P-Ch
12
20
Turn-Off Delay Time
td(off)
N-Ch
18
30
P-Ch
25
40
Fall Time
tf
N-Ch
10
15
P-Ch
18
30
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
N-Ch
4.5
A
P-Ch
- 4.5
Pulse Diode Forward Currenta
ISM
N-Ch
20
P-Ch
- 10
Body Diode Voltage
VSD
IS = 5.2 A, VGS = 0 V
N-Ch
0.85
1.2
V
IS = - 3.4 A, VGS = 0 V
P-Ch
- 0.8
- 1.2
Body Diode Reverse Recovery Time
trr
N-Channel
IF = 5.2 A, dI//dt = 100 A/µs, TJ = 25 °C
P-Channel
IF = - 3.8 A, dI/dt = - 100 A/µs, TJ = 25 °C
N-Ch
20
40
ns
P-Ch
30
60
Body Diode Reverse Recovery Charge
Qrr
N-Ch
5
10
nC
P-Ch
12
24
Reverse Recovery Fall Time
ta
N-Ch
8
ns
P-Ch
16
Reverse Recovery Rise Time
tb
N-Ch
12
P-Ch
14


Numéro de pièce similaire - SIA517DJ

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SIA517DJ VISHAY-SIA517DJ Datasheet
176Kb / 12P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. A, 18-May-09
logo
Guangdong Kexin Industr...
SIA517DJ KEXIN-SIA517DJ Datasheet
3Mb / 10P
   Complementary Trench MOSFET
logo
Vishay Siliconix
SIA517DJ VISHAY-SIA517DJ Datasheet
326Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SIA517DJ-T1-GE3 VISHAY-SIA517DJ-T1-GE3 Datasheet
176Kb / 12P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. A, 18-May-09
SIA517DJ VISHAY-SIA517DJ_V01 Datasheet
326Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - SIA517DJ

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SIA527DJ VISHAY-SIA527DJ Datasheet
333Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. A, 29-Jul-13
SMMA511DJ VISHAY-SMMA511DJ Datasheet
264Kb / 14P
   N- and P-Channel 12 V (D-S) MOSFET
Rev. B, 05-Oct-09
SI7540DP VISHAY-SI7540DP Datasheet
74Kb / 8P
   N- and P-Channel 12-V (D-S) MOSFET
Rev.. C, 16-Dec-02
SIA527DJ VISHAY-SIA527DJ_V01 Datasheet
343Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
Vishay Telefunken
SI7540DP TFUNK-SI7540DP Datasheet
365Kb / 15P
   N- and P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI7540DP VISHAY-SI7540DP_15 Datasheet
361Kb / 16P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. F, 09-Feb-09
SIA511DJ VISHAY-SIA511DJ Datasheet
321Kb / 6P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. A, 19-Nov-07
SIA517DJ VISHAY-SIA517DJ_V01 Datasheet
326Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
Shenzhen Tuofeng Semico...
SIA517 TUOFENG-SIA517 Datasheet
3Mb / 10P
   N- and P-Channel 12-V (D-S) MOSFET
Feb,2018 V1.0
logo
DinTek Semiconductor Co...
DTQ2D106 DINTEK-DTQ2D106 Datasheet
1Mb / 9P
   N- and P-Channel 12 V (D-S) MOSFET
REV 1.0
logo
Vishay Siliconix
SI7540DP VISHAY-SI7540DP_09 Datasheet
534Kb / 15P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. F, 09-Feb-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com