Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI7234DP Fiches technique(PDF) 2 Page - Vishay Telefunken

No de pièce SI7234DP
Description  Dual N-Channel 12-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TFUNK [Vishay Telefunken]
Site Internet  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI7234DP Fiches technique(HTML) 2 Page - Vishay Telefunken

  SI7234DP Datasheet HTML 1Page - Vishay Telefunken SI7234DP Datasheet HTML 2Page - Vishay Telefunken SI7234DP Datasheet HTML 3Page - Vishay Telefunken SI7234DP Datasheet HTML 4Page - Vishay Telefunken SI7234DP Datasheet HTML 5Page - Vishay Telefunken SI7234DP Datasheet HTML 6Page - Vishay Telefunken SI7234DP Datasheet HTML 7Page - Vishay Telefunken SI7234DP Datasheet HTML 8Page - Vishay Telefunken SI7234DP Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.vishay.com
2
Document Number: 68700
S-81219-Rev. A, 02-Jun-08
Vishay Siliconix
Si7234DP
New Product
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
12
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
6
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 4.5
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS , ID = 250 µA
0.6
1.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 12 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 12 V, VGS = 0 V
1
µA
VDS = 12 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 4.5 V
20
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 4.5 V, ID = 20 A
0.0028
0.0034
Ω
VGS = 2.5 V, ID = 20 A
0.004
0.005
Forward Transconductancea
gfs
VDS = 6 V, ID = 20 A
100
S
Dynamicb
Input Capacitance
Ciss
VDS = 6 V, VGS = 0 V, f = 1 MHz
5000
pF
Output Capacitance
Coss
1500
Reverse Transfer Capacitance
Crss
800
Total Gate Charge
Qg
VDS = 6 V, VGS = 10 V, ID = 20 A
80
120
nC
VDS = 6 V, VGS = 4.5 V, ID = 20 A
37
56
Gate-Source Charge
Qgs
7.4
Gate-Drain Charge
Qgd
7.2
Gate Resistance
Rg
f = 1 MHz
2.5
5
Ω
Turn-On Delay Time
td(on)
VDD = 6 V, RL = 0.6 Ω
ID ≅ 10 A, VGEN = 4.5 V, Rg = 1 Ω
30
45
ns
Rise Time
tr
15
25
Turn-Off Delay Time
td(off)
90
135
Fall Time
tf
25
40
Turn-On Delay Time
td(on)
VDD = 6 V, RL = 0.6 Ω
ID ≅ 10 A, VGEN = 10 V, Rg = 1 Ω
15
25
Rise Time
tr
10
15
Turn-Off Delay Time
td(off)
50
75
Fall Time
tf
10
15
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
60
A
Pulse Diode Forward Current
ISM
80
Body Diode Voltage
VSD
IS = 10 A, VGS = 0 V
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 10 A, dI/dt = 100 A/µs, TJ = 25 °C
40
60
ns
Body Diode Reverse Recovery Charge
Qrr
30
45
nC
Reverse Recovery Fall Time
ta
22
ns
Reverse Recovery Rise Time
tb
18


Numéro de pièce similaire - SI7234DP

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI7234DP VISHAY-SI7234DP Datasheet
512Kb / 13P
   Dual N-Channel 12-V (D-S) MOSFET
Rev. A, 02-Jun-08
SI7234DP VISHAY-SI7234DP Datasheet
374Kb / 13P
   Dual N-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7234DP-T1-GE3 VISHAY-SI7234DP-T1-GE3 Datasheet
512Kb / 13P
   Dual N-Channel 12-V (D-S) MOSFET
Rev. A, 02-Jun-08
SI7234DP-T1-GE3 VISHAY-SI7234DP-T1-GE3 Datasheet
374Kb / 13P
   Dual N-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7234DP VISHAY-SI7234DP_V01 Datasheet
374Kb / 13P
   Dual N-Channel 12 V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - SI7234DP

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI7940DP VISHAY-SI7940DP Datasheet
52Kb / 5P
   Dual N-Channel 12-V (D-S) MOSFET
Rev. B, 29-Jul-02
logo
Analog Power
AM6900NHE ANALOGPOWER-AM6900NHE Datasheet
401Kb / 5P
   Dual N-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI7234DP VISHAY-SI7234DP Datasheet
512Kb / 13P
   Dual N-Channel 12-V (D-S) MOSFET
Rev. A, 02-Jun-08
logo
Vishay Telefunken
SIA910EDJ TFUNK-SIA910EDJ Datasheet
276Kb / 9P
   Dual N-Channel 12 V (D-S) MOSFET
logo
Vishay Siliconix
SIA912DJ VISHAY-SIA912DJ_V01 Datasheet
113Kb / 7P
   Dual N-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
DinTek Semiconductor Co...
DTSP1204 DINTEK-DTSP1204 Datasheet
712Kb / 8P
   Dual N-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SIA912DJ VISHAY-SIA912DJ Datasheet
114Kb / 7P
   Dual N-Channel 12-V (D-S) MOSFET
Rev. B, 03-Mar-08
SI7940DP VISHAY-SI7940DP_V01 Datasheet
304Kb / 12P
   Dual N-Channel 12-V (D-S) MOSFET
01-Jan-2022
SIA910EDJ VISHAY-SIA910EDJ_V01 Datasheet
279Kb / 9P
   Dual N-Channel 12 V (D-S) MOSFET
01-Jan-2022
SIA910EDJ VISHAY-SIA910EDJ Datasheet
137Kb / 7P
   Dual N-Channel 12-V (D-S) MOSFET
Rev. A, 02-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com