Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTB24AL-8-CW-TA3-T Fiches technique(PDF) 2 Page - Unisonic Technologies

No de pièce BTB24AL-8-CW-TA3-T
Description  25A TRIACS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BTB24AL-8-CW-TA3-T Fiches technique(HTML) 2 Page - Unisonic Technologies

  BTB24AL-8-CW-TA3-T Datasheet HTML 1Page - Unisonic Technologies BTB24AL-8-CW-TA3-T Datasheet HTML 2Page - Unisonic Technologies BTB24AL-8-CW-TA3-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BTB24A
Preliminary
TRIAC
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R401-060.b
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
RMS On-State Current (Full Sine Wave) TC=75°C
IT(RMS)
25
A
Non Repetitive Surge Peak
On-State Current (Full
Cycle, TJ initial=25°C)
F=50 Hz
t=20ms
ITSM
250
A
F=60 Hz
t=16.7ms
260
A
I
2t Value for Fusing
tP=10ms
I
2t
340
A
2s
Critical Rate of Rise of
On-State Current IG=2xIGT,
tr≤100ns
F=120 Hz TJ=125°C
dI/dt
50
A/µs
Non Repetitive Surge Peak
Off-State Voltage
tP=10ms
TJ=25°C
VDSM/VRSM
VDRM/VRRM+100
V
Peak Gate Current
tP=20µs
TJ=125°C
IGM
4
A
Average Gate Power Dissipation
TJ=125°C
PG(AV)
1
W
Operating Junction Temperature
TJ
-40~+125
°C
Storage Junction Temperature
TSTG
-40~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL RESISTANCES
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
60
°C/W
Junction to Case (AC)
θJC
0.8
°C/W
ELECTRICAL CHARACTERISTICS (TJ =25°C unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
CW
BW
UNIT
MIN TYP MAX MIN TYP MAX
SNUBBERLESS TYPE (3 QUADRANTS)
Gate Trigger Current (Note 1)
IGT
VD=12V,
RL=33Ω
I-II-III
35
50
mA
Gate Trigger Voltage
VGT
I-II-III
1.3
1.3
V
Gate Non-Trigger Voltage
VGD
VD=VDRM,
RL=3.3kΩ,
TJ=125°C
I-II-III
0.2
0.2
V
Holding Current (Note 2)
IH
IT=500mA
50
75
mA
Latching Current
IL
IG=1.2IGT
I-III
70
80
mA
II
80
100
mA
Critical Rate of Rise of Off-State
Voltage (Note 2)
dV/dt
VD=67%VDRM, Gate
Open, TJ=125°C
500
1000
V/µs
Critical Rate of Rise of Off-State
Voltage at Commutation
(Note 2)
(dI/dt)c
Without Snubber,
TJ=125°C
13
22
A/ms
STATIC CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Peak On-State Voltage (Note 2)
VTM
ITM=35A, tP=380μs
TJ=25°C
1.55
V
Threshold Voltage (Note 2)
VTO
TJ=125°C
0.85
V
Dynamic Resistance (Note 2)
RD
TJ=125°C
16
mΩ
Repetitive Peak Off-State
Current
IDRM
VDRM=VRRM
TJ=25°C
5
μA
IRRM
TJ=125°C
3
mA
Notes: 1. Minimum IGT is guaranteed at 5% of IGT max.
2. For both polarities of MT2 referenced to MT1.


Numéro de pièce similaire - BTB24AL-8-CW-TA3-T

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
BTB24AL-6-BW-TA3-T UTC-BTB24AL-6-BW-TA3-T Datasheet
165Kb / 3P
   25A TRIACS
More results

Description similaire - BTB24AL-8-CW-TA3-T

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BTA24 STMICROELECTRONICS-BTA24 Datasheet
137Kb / 12P
   25A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA24-600B TGS-BTA24-600B Datasheet
128Kb / 1P
   25A TRIACS
BTA26-600BW TGS-BTA26-600BW Datasheet
67Kb / 1P
   25A TRIACS
BTA24-600C TGS-BTA24-600C Datasheet
285Kb / 1P
   25A TRIACS
logo
Unisonic Technologies
BTB24 UTC-BTB24 Datasheet
171Kb / 3P
   25A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA24-600BW TGS-BTA24-600BW Datasheet
59Kb / 1P
   25A TRIACS
BTA24-800BW TGS-BTA24-800BW Datasheet
59Kb / 1P
   25A TRIACS
TPDV1225-E TGS-TPDV1225-E Datasheet
202Kb / 1P
   25A TRIACS
logo
Kersemi Electronic Co.,...
T2550H-600T KERSEMI-T2550H-600T Datasheet
498Kb / 5P
   25A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA24-600BF TGS-BTA24-600BF Datasheet
61Kb / 1P
   25A TRIACS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com