Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPIC74101-Q1 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce TPIC74101-Q1
Description  TPIC74101-Q1 Buck and Boost Switch-Mode Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPIC74101-Q1 Fiches technique(HTML) 4 Page - Texas Instruments

  TPIC74101-Q1_15 Datasheet HTML 1Page - Texas Instruments TPIC74101-Q1_15 Datasheet HTML 2Page - Texas Instruments TPIC74101-Q1_15 Datasheet HTML 3Page - Texas Instruments TPIC74101-Q1_15 Datasheet HTML 4Page - Texas Instruments TPIC74101-Q1_15 Datasheet HTML 5Page - Texas Instruments TPIC74101-Q1_15 Datasheet HTML 6Page - Texas Instruments TPIC74101-Q1_15 Datasheet HTML 7Page - Texas Instruments TPIC74101-Q1_15 Datasheet HTML 8Page - Texas Instruments TPIC74101-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
TPIC74101-Q1
SLIS140A – OCTOBER 2011 – REVISED DECEMBER 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over recommended operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Unregulated input voltage, V(driver)
(2)
–0.5
40
V
Unregulated inputs, V(AIN), V(ENABLE)
(2)
–0.5
40
V
Bootstrap
V(Cboot1)
52
V
voltages
V(Cboot2)
14
V
Switch mode
V(L1)
–1
40
V
voltages
V(L2)
–1
7
V
Logic input voltages, V(Rmod),V(SCR0),V(SCR1),V(CLP), and V(5Vg_ENABLE)
(2)
–0.5
7
V
Low output voltages, V(RESET),V(AOUT),V(logic), and V(REST)
(2)
–0.5
7
V
Continuous power dissipation, PD
See Dissipation Rating
Operating virtual junction temperature range, TJ
–40
150
°C
Operating ambient temperature range, TA
–40
125
°C
Lead temperature (soldering, 10 s), T(LEAD)
260
°C
Storage temperature, Tstg
–65
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to ground.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per JEDEC
Pin 7 (L2), pin 8 (VOUT), Pin 9 (5Vg)
±800
Pins 1–6 and 10–20
±2000
Electrostatic
V(ESD)
V
Corner pins (SCR1, AIN, SCR0, and
discharge
±750
CLP)
Charged device model (CDM), per JEDEC
Other pins
±750
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Unregulated input voltage, V(driver)
6
24
V
Unregulated input voltages, V(AIN) and V(ENABLE)
0
24
V
V(L1)
–1
17
Switch-mode pins
V
V(L2)
5
5.5
V(Cboot1)
V(driver) + 10
Bootstrap voltages
V
V(Cboot2)
8
Logic levels (I/O), V(Rmod), V(logic),V(SCR0),V(SCR1),V(5Vg_ENABLE),V(RESET), V(AOUT), V(CLP),
0
5.25
V
and V(REST)
Operating ambient temperature range, TA
–40
125
°C
Logic levels (I/O), V(SCR0), V(SCR1), V(CLP) directly connected to V(logic)
V(logic)
V(logic)
V
4
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: TPIC74101-Q1


Numéro de pièce similaire - TPIC74101-Q1_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC74101-Q1 TI1-TPIC74101-Q1 Datasheet
998Kb / 32P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
More results

Description similaire - TPIC74101-Q1_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS55065-Q1 TI-TPS55065-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS55065-Q1 Buck and Boost Switched-Mode Regulator
TPS55065-Q1 TI1-TPS55065-Q1 Datasheet
825Kb / 30P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
TPIC74101-Q1 TI1-TPIC74101-Q1 Datasheet
998Kb / 32P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
TPIC74100-Q1 TI-TPIC74100-Q1 Datasheet
891Kb / 30P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
   Buck-Boost Regulator
Rev. D, 03-Aug-09
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
   Buck-Boost Regulator
November 2016 Rev. 1.4
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
   Buck-Boost Regulator
02-Oct-12
logo
Texas Instruments
MC33063A-Q1 TI-MC33063A-Q1_15 Datasheet
694Kb / 26P
[Old version datasheet]   MC33063A-Q1 1.5-A Peak Boost, Buck, Inverting Switching Regulator
logo
Allegro MicroSystems
A4409 ALLEGRO-A4409 Datasheet
1Mb / 30P
   Buck or buck-boost pre-regulator
logo
Microchip Technology
TC1142 MICROCHIP-TC1142 Datasheet
419Kb / 12P
   Inductorless -2x Boost/Buck Regulator
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com