Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM22674MRX-ADJ/NOPB Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM22674MRX-ADJ/NOPB
Description  LM22674/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM22674MRX-ADJ/NOPB Fiches technique(HTML) 3 Page - Texas Instruments

  LM22674MRX-ADJ/NOPB Datasheet HTML 1Page - Texas Instruments LM22674MRX-ADJ/NOPB Datasheet HTML 2Page - Texas Instruments LM22674MRX-ADJ/NOPB Datasheet HTML 3Page - Texas Instruments LM22674MRX-ADJ/NOPB Datasheet HTML 4Page - Texas Instruments LM22674MRX-ADJ/NOPB Datasheet HTML 5Page - Texas Instruments LM22674MRX-ADJ/NOPB Datasheet HTML 6Page - Texas Instruments LM22674MRX-ADJ/NOPB Datasheet HTML 7Page - Texas Instruments LM22674MRX-ADJ/NOPB Datasheet HTML 8Page - Texas Instruments LM22674MRX-ADJ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Exposed Pad
Connect to GND
NC
3
FB
4
BOOT
1
NC
2
8
SW
7
VIN
6
GND
5
EN
LM22674, LM22674-Q1
www.ti.com
SNVS590M – SEPTEMBER 2008 – REVISED NOVEMBER 2014
5 Pin Configuration and Functions
8-Pin
HSOP Package
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
APPLICATION INFORMATION
NAME
NO.
BOOT
1
I
Bootstrap input
Provides the gate voltage for the high side NFET.
Used to control regulator start-up and shutdown. See Precision Enable
EN
5
I
Precision enable pin
and UVLO section of data sheet.
Connect to ground. Provides thermal connection to PCB. See
EP
EP
Exposed Pad
applications information.
FB
4
I
Feedback pin
Feedback input to regulator.
GND
6
System ground
System ground.
Pins are not electrically connected to die. Pins do function as thermal
NC
2, 3
Not Connected
conductor.
VIN
7
I
Source input voltage
Input supply to regulator
SW
8
O
Switch pin
Switching output of regulator
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM22674 LM22674-Q1


Numéro de pièce similaire - LM22674MRX-ADJ/NOPB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM22674MRX-ADJ/NOPB TI-LM22674MRX-ADJ/NOPB Datasheet
2Mb / 22P
[Old version datasheet]   LM22674/LM22674-Q1 42V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
More results

Description similaire - LM22674MRX-ADJ/NOPB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM22674 TI-LM22674 Datasheet
2Mb / 22P
[Old version datasheet]   LM22674/LM22674-Q1 42V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22671 TI-LM22671_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22671/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM22671Q NSC-LM22671Q Datasheet
429Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22671 NSC-LM22671 Datasheet
426Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM22675 TI-LM22675_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM22675/-Q1 42 V, 1 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22676 TI-LM22676_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22676/-Q1 42 V, 3 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22677 TI-LM22677_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM22677/-Q1 42-V, 5-A SIMPLE SWITCHER짰, Step-Down Voltage Regulator With Features
LM22679 TI-LM22679_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM22679/-Q1 42-V, 5-A SIMPLE SWITCHER짰 Step-Down Voltage Regulator With Features
LM22673 TI-LM22673_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22673/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22670 TI-LM22670_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM22670/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com