Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM21212-1 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce LM21212-1
Description  12A High Efficiency Synchronous Point of Load Buck Regulator with Frequency Synchronization
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM21212-1 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button LM21212-1_15 Datasheet HTML 4Page - Texas Instruments LM21212-1_15 Datasheet HTML 5Page - Texas Instruments LM21212-1_15 Datasheet HTML 6Page - Texas Instruments LM21212-1_15 Datasheet HTML 7Page - Texas Instruments LM21212-1_15 Datasheet HTML 8Page - Texas Instruments LM21212-1_15 Datasheet HTML 9Page - Texas Instruments LM21212-1_15 Datasheet HTML 10Page - Texas Instruments LM21212-1_15 Datasheet HTML 11Page - Texas Instruments LM21212-1_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
VOUT (500 mV/Div)
VPGOOD (5V/Div)
VENABLE (5V/Div)
VOUT (500 mV/Div)
VPGOOD (5V/Div)
VENABLE (5V/Div)
IOUT (10A/Div)
VOUT (50 mV/Div)
IOUT (5A/Div)
VOUT (10 mV/Div)
VOUT (200mV/Div)
VSYNC (2V/Div)
VSWITCH (2V/Div)
VOUT (200 mV/Div)
VSYNC (2V/Div)
VSWITCH (2V/Div)
LM21212-1
SNVS671E – FEBRUARY 2011 – REVISED MARCH 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified: VVIN = 5V, VOUT = 1.2V, L= 0.56µH (1.8mΩ RDCR), CSS = 33nF, fSW = 1 MHz, TA = 25°C for
efficiency curves, loop gain plots and waveforms, and TJ = 25°C for all others.
SYNC Signal Lost
SYNC Signal Acquired
4 µs/DIV
4 µs/DIV
Figure 17.
Figure 18.
Load Transient Response
Output Voltage Ripple
100 µs/DIV
1 µs/DIV
Figure 19.
Figure 20.
Startup with Prebiased Output
Startup with SS/TRK Open Circuit
200 µs/DIV
2 ms/DIV
Figure 21.
Figure 22.
8
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM21212-1


Numéro de pièce similaire - LM21212-1_15

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM21212-1 NSC-LM21212-1 Datasheet
1Mb / 10P
   evaluation board provides a solution to examine the high efficiency
More results

Description similaire - LM21212-1_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM21212MHX-1 TI1-LM21212MHX-1 Datasheet
1Mb / 33P
[Old version datasheet]   12A High Efficiency Synchronous Point of Load Buck Regulator
LM21215MHX TI1-LM21215MHX Datasheet
1Mb / 33P
[Old version datasheet]   15A High Efficiency Point of Load Synchronous Buck Regulator
logo
Shenzhen Guan Hua Wei Y...
WSG02P06 WIINSOK-WSG02P06 Datasheet
2Mb / 5P
   High Frequency Point-of-Load Synchronous Buck Converter.
WSF30100D WIINSOK-WSF30100D Datasheet
1Mb / 5P
   High Frequency Point-of-Load Synchronous Buck Converter
logo
International Rectifier
IRF7805ZTRPBF IRF-IRF7805ZTRPBF Datasheet
275Kb / 10P
   High Frequency Point-of-Load Synchronous Buck Converter
IRF7831TRPBF IRF-IRF7831TRPBF Datasheet
275Kb / 10P
   High Frequency Point-of-Load Synchronous Buck Converter
logo
Texas Instruments
LM21212-2 TI1-LM21212-2_14 Datasheet
1Mb / 32P
[Old version datasheet]   12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
LM21212-2 TI-LM21212-2_15 Datasheet
1Mb / 31P
[Old version datasheet]   12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
LM21215A TI1-LM21215A Datasheet
493Kb / 26P
[Old version datasheet]   LM21215A-1 15A High Efficiency Synchronous Buck Regulator with Frequency Synchronization
LM21215A TI-LM21215A_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM21215A-1 15A High Efficiency Synchronous Buck Regulator with Frequency Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com