Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3212 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce LM3212
Description  LM3212 Step-Down DC-DC Converter with Analog Bypass Mode for RF Power Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM3212 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button LM3212_15 Datasheet HTML 7Page - Texas Instruments LM3212_15 Datasheet HTML 8Page - Texas Instruments LM3212_15 Datasheet HTML 9Page - Texas Instruments LM3212_15 Datasheet HTML 10Page - Texas Instruments LM3212_15 Datasheet HTML 11Page - Texas Instruments LM3212_15 Datasheet HTML 12Page - Texas Instruments LM3212_15 Datasheet HTML 13Page - Texas Instruments LM3212_15 Datasheet HTML 14Page - Texas Instruments LM3212_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
0
0.5
1
1.5
2
2.5
3
3.5
VOUT (V)
60
65
70
75
80
85
90
95
100
IOUT = 100 mA
IOUT = 1.0A
IOUT = 2.5A
AUTO_BY = HIGH
VIN = 3.6V
OUTPUT LOAD (A)
100
90
80
70
60
50
40
30
20
10
0
0.0
0.1
0.2
0.3
0.4
0.5
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
0.0
0.5
1.0
1.5
2.0
2.5
60
65
70
75
80
85
90
95
100
OUTPUT LOAD (A)
VIN = 3.6V
VIN = 4.2V
VIN = 3.9V
LM3212
www.ti.com
SNOSB37C – DECEMBER 2008 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Efficiency
Output Voltage Ripple
vs
(VIN = 3.8V, VOUT = 3.4V, RLOAD = 6.8Ω)
IOUT (VOUT = 3.4V) AUTO_BY = HIGH
Figure 23.
Figure 24.
Efficiency
Efficiency
vs
vs
VOUT
IOUT (VOUT = 0.8V)
Figure 25.
Figure 26.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3212


Numéro de pièce similaire - LM3212_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
More results

Description similaire - LM3212_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3212 TI1-LM3212 Datasheet
160Kb / 6P
[Old version datasheet]   LM3212 PRODUCT BRIEF Step-Down DC-DC Converter with Analog Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200_05 Datasheet
882Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI1-LM3204 Datasheet
959Kb / 25P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3203 TI1-LM3203 Datasheet
3Mb / 23P
[Old version datasheet]   Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
logo
National Semiconductor ...
LM3203 NSC-LM3203 Datasheet
1Mb / 15P
   Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI-LM3204_15 Datasheet
903Kb / 24P
[Old version datasheet]   LM3204 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3200 TI-LM3200_15 Datasheet
937Kb / 24P
[Old version datasheet]   LM3200 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3203 TI-LM3203_15 Datasheet
3Mb / 22P
[Old version datasheet]   LM3203 Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com