Moteur de recherche de fiches techniques de composants électroniques |
|
LM3204 Fiches technique(PDF) 3 Page - Texas Instruments |
|
LM3204 Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 24 page LM3204 www.ti.com SNVS351C – JUNE 2005 – REVISED APRIL 2013 ABSOLUTE MAXIMUM RATINGS (1) (2) (3) VDD, PVIN to SGND −0.2V to +6.0V PGND to SGND −0.2V to +0.2V EN, FB, BYP, VCON (SGND −0.2V) to (VDD +0.2V) w/6.0V max SW, BYPOUT (PGND −0.2V) to (PVIN +0.2V) w/6.0V max PVIN to VDD −0.2V to +0.2V Continuous Power Dissipation(4) Internally Limited Junction Temperature (TJ-MAX) +150°C Storage Temperature Range −65°C to +150°C Maximum Lead Temperature (Soldering, 10 sec.) +260°C ESD Rating (5) Human Body Model 2.0kV Machine Model 200V (1) Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under which operation of the device is ensured. Operating Ratings do not imply specified performance limits. For specified performance limits and associated test conditions, see the Electrical Characteristics table. (2) All voltages are with respect to the potential at the GND pins. (3) If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications. (4) Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 150°C (typ.) and disengages at TJ = 130°C (typ.). (5) The Human body model is a 100pF capacitor discharged through a 1.5k Ω resistor into each pin. (MIL-STD-883 3015.7) The machine model is a 200pF capacitor discharged directly into each pin. TI recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper ESD handling techniques can result in damage. OPERATING RATINGS (1) (2) Input Voltage Range 2.7V to 5.5V Recommended Load Current PWM Mode 0mA to 300mA Bypass Mode 0mA to 500mA Junction Temperature (TJ) Range −30°C to +125°C Ambient Temperature (TA) Range (3) −30°C to +85°C (1) Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under which operation of the device is ensured. Operating Ratings do not imply specified performance limits. For specified performance limits and associated test conditions, see the Electrical Characteristics table. (2) All voltages are with respect to the potential at the GND pins. (3) In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may have to be de-rated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP = 125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the part/package in the application ( θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX). THERMAL PROPERTIES Junction-to-Ambient Thermal 100°C/W Resistance ( θJA), YPA10 Package (1) (1) Junction-to-ambient thermal resistance ( θJA) is taken from thermal measurements, performed under the conditions and guidelines set forth in the JEDEC standard JESD51-7. A 1" x 1", 4 layer, 1.5oz. Cu board was used for the measurements. Copyright © 2005–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LM3204 |
Numéro de pièce similaire - LM3204_15 |
|
Description similaire - LM3204_15 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |