Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3102 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce LM3102
Description  LM3102/-Q1 SIMPLE SWITCHER짰 Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM3102 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button LM3102_15 Datasheet HTML 4Page - Texas Instruments LM3102_15 Datasheet HTML 5Page - Texas Instruments LM3102_15 Datasheet HTML 6Page - Texas Instruments LM3102_15 Datasheet HTML 7Page - Texas Instruments LM3102_15 Datasheet HTML 8Page - Texas Instruments LM3102_15 Datasheet HTML 9Page - Texas Instruments LM3102_15 Datasheet HTML 10Page - Texas Instruments LM3102_15 Datasheet HTML 11Page - Texas Instruments LM3102_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
LM3102, LM3102-Q1
SNVS515H – SEPTEMBER 2007 – REVISED JUNE 2015
www.ti.com
Typical Characteristics (continued)
All curves are taken at VIN = 18 V with the configuration in the typical application circuit for VOUT = 3.3 V shown in this data
sheet. TA = 25°C, unless otherwise specified.
Figure 8. Efficiency vs Load Current (VOUT = 3.3 V)
Figure 7. RDS(on) vs Temperature
Figure 9. VOUT Regulation vs Load Current (VOUT = 3.3 V)
Figure 10. Efficiency vs Load Current (VOUT = 0.8 V)
Figure 12. Power Up (VOUT = 3.3 V, 2.5 A Loaded)
Figure 11. VOUT Regulation vs Load Current (VOUT = 0.8 V)
8
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LM3102 LM3102-Q1


Numéro de pièce similaire - LM3102_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3102 TI1-LM3102_14 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 2.5A Step-Down Voltage Regulator
More results

Description similaire - LM3102_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM22675 TI-LM22675_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM22675/-Q1 42 V, 1 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM3100 NSC-LM3100 Datasheet
1Mb / 15P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100 NSC-LM3100_07 Datasheet
3Mb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3102 NSC-LM3102 Datasheet
379Kb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3103 TI1-LM3103_14 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
LM3100 TI1-LM3100_14 Datasheet
2Mb / 21P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM3103 NSC-LM3103 Datasheet
351Kb / 16P
   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM22671MRE-50 TI-LM22671MRE-50 Datasheet
1Mb / 25P
[Old version datasheet]   LM22671/LM22671-Q1 42V, 500mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com