Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2853MH-3.3 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce LM2853MH-3.3
Description  3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM2853MH-3.3 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button LM2853MH-3.3 Datasheet HTML 2Page - Texas Instruments LM2853MH-3.3 Datasheet HTML 3Page - Texas Instruments LM2853MH-3.3 Datasheet HTML 4Page - Texas Instruments LM2853MH-3.3 Datasheet HTML 5Page - Texas Instruments LM2853MH-3.3 Datasheet HTML 6Page - Texas Instruments LM2853MH-3.3 Datasheet HTML 7Page - Texas Instruments LM2853MH-3.3 Datasheet HTML 8Page - Texas Instruments LM2853MH-3.3 Datasheet HTML 9Page - Texas Instruments LM2853MH-3.3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Typical Performance Characteristics Unless otherwise specified, the following conditions apply: V
IN
= AVIN = PVIN = 5V, T
J = 25˚C.
Efficiency vs. I
LOAD
V
OUT = 1.8V
NFET R
DS(ON) vs. Temperature
20201507
20201505
Efficiency vs. I
LOAD
V
OUT = 2.5V
PFET R
DS(ON) vs. Temperature
20201509
20201504
Efficiency vs. I
LOAD
V
OUT = 3.3V
Switching Frequency vs. Temperature
20201508
20201506
www.national.com
5


Numéro de pièce similaire - LM2853MH-3.3

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2853MH-3.3 NSC-LM2853MH-3.3 Datasheet
738Kb / 12P
   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
More results

Description similaire - LM2853MH-3.3

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2853 NSC-LM2853 Datasheet
738Kb / 12P
   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
logo
Texas Instruments
LM2853 TI1-LM2853_14 Datasheet
1Mb / 20P
[Old version datasheet]   3A 550 kHz Synchronous SIMPLE SWITCHER
LM2854 TI1-LM2854_16 Datasheet
1Mb / 33P
[Old version datasheet]   Synchronous SIMPLE SWITCHER Buck Regulator
LM2852 TI1-LM2852_16 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
logo
National Semiconductor ...
LM20323A NSC-LM20323A Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
logo
Texas Instruments
LM20323 TI1-LM20323_14 Datasheet
1Mb / 28P
[Old version datasheet]   36V, 3A 500 kHz Synchronous Buck Regulator
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
LM20323 NSC-LM20323 Datasheet
487Kb / 20P
   36V, 3A PowerWise짰 500 kHz Synchronous Buck Regulator
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Alpha & Omega Semicondu...
AOZ1057AI AOSMD-AOZ1057AI Datasheet
708Kb / 15P
   EZBuck??3A Simple Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com