Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2842 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM2842
Description  Input Step-Down DC/DC Regulator in Thin SOT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM2842 Fiches technique(HTML) 5 Page - Texas Instruments

  LM2842 Datasheet HTML 1Page - Texas Instruments LM2842 Datasheet HTML 2Page - Texas Instruments LM2842 Datasheet HTML 3Page - Texas Instruments LM2842 Datasheet HTML 4Page - Texas Instruments LM2842 Datasheet HTML 5Page - Texas Instruments LM2842 Datasheet HTML 6Page - Texas Instruments LM2842 Datasheet HTML 7Page - Texas Instruments LM2842 Datasheet HTML 8Page - Texas Instruments LM2842 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1.0
1.6
2.2
2.8
3.4
4.0
800
600
400
200
0
SHDN PIN VOLTAGE (V)
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
120
LOAD CURRENT (mA)
VIN = 12V
VIN = 24V
0.0
0.1
0.2
0.3
LOAD CURRENT (A)
0
20
40
60
80
100
VIN = 12V
VIN = 24V
0.4
0.5
0.6
VIN = 36V
0.0
0.1
0.2
0.3
LOAD CURRENT (A)
0
20
40
60
80
100
VIN = 36V
VIN = 12V
VIN = 24V
LM2841, LM2842
www.ti.com
SNVS540H – MARCH 2009 – REVISED APRIL 2013
Typical Performance Characteristics
Efficiency vs. Load Current (LM2842X, VOUT = 3.3V)
Efficiency vs. Load Current (LM2841X, VOUT = 3.3V)
Figure 2.
Figure 3.
Efficiency vs. Load Current (LM2840X, VOUT = 8V)
Switching Frequency vs. Temperature (X version)
Figure 4.
Figure 5.
Switch Current Limit vs. SHDN Pin Voltage
Input UVLO Voltage vs. Temperature
(Soft-start Implementation, LM2840/41)
Figure 6.
Figure 7.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2841 LM2842


Numéro de pièce similaire - LM2842

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2842 NSC-LM2842 Datasheet
324Kb / 14P
   300 mA/600 mA up to 42V Input Step-Down DC/DC Regulator in Thin SOT-23
logo
Texas Instruments
LM2842 TI1-LM2842 Datasheet
845Kb / 19P
[Old version datasheet]   LM2840/LM2841/LM2842/ LM2840-Q1/LM2841-Q1/LM2842-Q1 100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT
logo
National Semiconductor ...
LM2842XMK-ADJL NSC-LM2842XMK-ADJL Datasheet
324Kb / 14P
   300 mA/600 mA up to 42V Input Step-Down DC/DC Regulator in Thin SOT-23
logo
Texas Instruments
LM2842XMK-ADJL TI1-LM2842XMK-ADJL Datasheet
271Kb / 15P
[Old version datasheet]   100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT-23
LM2842XMK-ADJL/NOPB TI1-LM2842XMK-ADJL/NOPB Datasheet
845Kb / 19P
[Old version datasheet]   LM2840/LM2841/LM2842/ LM2840-Q1/LM2841-Q1/LM2842-Q1 100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT
More results

Description similaire - LM2842

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2840 TI1-LM2840 Datasheet
271Kb / 15P
[Old version datasheet]   100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT-23
LM2734Z TI1-LM2734Z_16 Datasheet
1Mb / 36P
[Old version datasheet]   Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734 TI1-LM2734 Datasheet
1Mb / 31P
[Old version datasheet]   LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
LM2736YMKX TI-LM2736YMKX Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736YMK TI-LM2736YMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI1-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736 TI-LM2736_15 Datasheet
1Mb / 36P
[Old version datasheet]   LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
LM2734Z TI-LM2734Z_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM2734Z/LM2734ZQ Thin SOT 1A Load Step-Down DC-DC Regulator
LM2734 TI-LM2734_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2734 Thin SOT 1-A Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com