Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL-SG1016D Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce TL-SG1016D
Description  8/16/24-Port Gigabit Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TL-SG1016D Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  TL-SG1016D Datasheet HTML 1Page - List of Unclassifed Manufacturers TL-SG1016D Datasheet HTML 2Page - List of Unclassifed Manufacturers TL-SG1016D Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
IEEE 802.3,
IEEE 802.3u,
IEEE 802.3x
8*10/100/1000Mbps RJ45 ports
YES
YES
Windows 2000/XP/Vista/7
Linux/MAC OS
Store and Forward
16 Gbps
8 K
10 KB
YES
YES
Up to 75%
Power
、1000Mbps、Link/Act
294*180*44 mm
0°C~40°C (32°F~104°F)
-40°C~70°C (-40°F~158°F)
10%~90% non-condensing
5%~90% non-condensing
8-Port Gigabit switch
Product Picture
Model
Standards
Network Ports
Auto Negotiation
Auto MDI/MDIX
Systems
Forwarding Mode
Switch Capacity
MAC Address Table
Jumbo Frame
Flow Conrol
Fanless
Power Saving
LED
Dimensions
Operating Temperature
Storage Temperature
Operating Humidity
Storage Humidity
Ordering Information
IEEE 802.3,
IEEE 802.3u,
IEEE 802.3x
16*10/100/1000Mbps RJ45 ports
YES
YES
Windows 2000/XP/Vista/7
Linux/MAC OS
Store and Forward
32 Gbps
8 K
10 KB
YES
YES
Up to 40%
Power
、1000Mbps、Link/Act
294*180*44 mm
0°C~40°C (32°F~104°F)
-40°C~70°C (-40°F~158°F)
10%~90% non-condensing
5%~90% non-condensing
16-Port Gigabit switch
IEEE 802.3,
IEEE 802.3u,
IEEE 802.3x
24*10/100/1000Mbps RJ45 ports
YES
YES
Windows 2000/XP/Vista/7
Linux/MAC OS
Store and Forward
48 Gbps
8 K
10 KB
YES
No
Up to 20%
Power
、1000Mbps、Link/Act
294*180*44 mm
0°C~40°C (32°F~104°F)
-40°C~70°C (-40°F~158°F)
10%~90% non-condensing
5%~90% non-condensing
24-Port Gigabit switch
Specifications:
TL-SG1008
TL-SG1016D
TL-SG1024D
* Maximum power savings when compared to a TP-LINK conventional switch, the real saving rate may vary based on the usage condition.
Currently TL-SG1024D is not for our quiet design, but soon we will escalate it.
Datasheet
www.tp-link.com
Copyright © 2011 TP-LINK Technologies Co., Ltd. All rights reserved.


Numéro de pièce similaire - TL-SG1016D

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TL-SG1005D ETC2-TL-SG1005D Datasheet
1Mb / 3P
   5/8-Port Gigabit Desktop Switch
logo
TP-Link Technologies Co...
TL-SG1005D TP-LINK-TL-SG1005D Datasheet
453Kb / 2P
   Gigabit PCI Express Network Adapter
TL-SG105 TP-LINK-TL-SG105 Datasheet
491Kb / 3P
   10/100/1000Mbps Desktop Switch
logo
List of Unclassifed Man...
TL-SG105E ETC2-TL-SG105E Datasheet
1Mb / 4P
   5-Port Gigabit Easy Smart Switch
logo
TP-Link Technologies Co...
TL-SG108 TP-LINK-TL-SG108 Datasheet
491Kb / 3P
   10/100/1000Mbps Desktop Switch
More results

Description similaire - TL-SG1016D

FabricantNo de pièceFiches techniqueDescription
logo
Level One
GSW-2457 LVL1-GSW-2457 Datasheet
564Kb / 2P
   24-Port Gigabit Ethernet Switch
GEL-2461 LVL1-GEL-2461 Datasheet
200Kb / 4P
   24-Port Web Smart Gigabit Switch, 16 x SFP
logo
Phihong USA Inc.
POE370U-480 PHIHONG-POE370U-480 Datasheet
103Kb / 3P
   8/16/24 Port Gigabit Power over Ethernet Midspan
logo
Level One
GEU-1621 LVL1-GEU-1621 Datasheet
323Kb / 3P
   16-Port Gigabit Ethernet Switch
GSW-1657 LVL1-GSW-1657 Datasheet
544Kb / 2P
   16-Port Gigabit Ethernet Switch
logo
List of Unclassifed Man...
TL-SG2008 ETC2-TL-SG2008 Datasheet
1Mb / 4P
   8-Port Gigabit Smart Switch
logo
Level One
GEU-0822 LVL1-GEU-0822 Datasheet
530Kb / 3P
   8-Port Gigabit Ethernet Switch
GSW-0809 LVL1-GSW-0809 Datasheet
698Kb / 3P
   8-Port Gigabit Ethernet Switch
GSW-0807 LVL1-GSW-0807_16 Datasheet
733Kb / 3P
   8-Port Gigabit Ethernet Switch
logo
Broadcom Corporation.
BCM56500 BOARDCOM-BCM56500 Datasheet
111Kb / 2P
   24-PORT GIGABIT ETHERNET MULTILAYER SWITCH
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com