Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2772 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM2772
Description  LM2772 Low-Ripple Switched Capacitor Step-Down Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM2772 Fiches technique(HTML) 1 Page - Texas Instruments

  LM2772 Datasheet HTML 1Page - Texas Instruments LM2772 Datasheet HTML 2Page - Texas Instruments LM2772 Datasheet HTML 3Page - Texas Instruments LM2772 Datasheet HTML 4Page - Texas Instruments LM2772 Datasheet HTML 5Page - Texas Instruments LM2772 Datasheet HTML 6Page - Texas Instruments LM2772 Datasheet HTML 7Page - Texas Instruments LM2772 Datasheet HTML 8Page - Texas Instruments LM2772 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM2772
VIN
VOUT
EN
Capacitors: 1 µF - TDK C1005X5R0J105K
4.7 µF - TDK C1608X5R0J475K
or equivalent
VIN = 3.0V to 5.5V
C1
1 µF
CIN
1 µF
COUT
4.7 µF
VOUT: 1.2V
IOUT up to 150 mA
High: ON
Low: Shutdown
C1+
C1-
GND
C2
1 µF
C2+
C2-
C3
1 µF
C3+
C3-
LM2772
www.ti.com
SNVS486B – DECEMBER 2006 – REVISED MAY 2013
LM2772 Low-Ripple Switched Capacitor Step-Down Regulator
Check for Samples: LM2772
1
FEATURES
DESCRIPTION
The LM2772 is a switched capacitor step-down
2
Low-Noise Fixed Frequency Operation
regulator that produces a 1.2V output. It is capable of
1.2V Output Voltage
supplying loads up to 150mA with 3% output voltage
3% Output Voltage Regulation
regulation over line, load, and temperature. The
LM2772 operates with an input voltage from 3.0V to
Li-Ion (3.6V) to 1.2V with 80% Efficiency
5.5V, accommodating 1-cell Li-Ion batteries and
Very Low Output Ripple: 8mV @ 150mA
chargers.
Output Currents up to 150mA
The LM2772 utilizes a highly efficient regulated multi-
2.7V to 5.5V Input Voltage Range
gain charge pump. Pre-regulated 1.1MHz fixed-
Shutdown Disconnects Load from VIN
frequency switching results in very low ripple and
noise on both the input and the output. When output
1.1MHz Switching Frequency
currents are low, the part automatically switches to a
No Inductors…Small Solution Size
low-ripple PFM regulation mode to maintain high
Short Circuit and Thermal Protection
efficiency over the entire load range.
WSON-10 Package (3mm × 3mm × 0.8mm)
The LM2772 is available in TI’s WSON-10 Package
(WSON-10).
APPLICATIONS
DSP, Memory, and Microprocessor Power
Supplies
Mobile Phones and Pagers
Portable Electronic Devices
Typical Application Circuit
Figure 1.
Figure 2. LM2772 Efficiency vs.
Low-Dropout Linear Regulator (LDO) Efficiency
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - LM2772

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2772 NSC-LM2772 Datasheet
1Mb / 12P
   Low-Ripple Switched Capacitor Step-Down Regulator
logo
Texas Instruments
LM2772 TI1-LM2772 Datasheet
2Mb / 16P
[Old version datasheet]   Low-Ripple Switched Capacitor Step-Down Regulator
logo
National Semiconductor ...
LM2772SD NSC-LM2772SD Datasheet
1Mb / 12P
   Low-Ripple Switched Capacitor Step-Down Regulator
LM2772SDX NSC-LM2772SDX Datasheet
1Mb / 12P
   Low-Ripple Switched Capacitor Step-Down Regulator
More results

Description similaire - LM2772

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2772 NSC-LM2772 Datasheet
1Mb / 12P
   Low-Ripple Switched Capacitor Step-Down Regulator
logo
Texas Instruments
LM2772 TI1-LM2772 Datasheet
2Mb / 16P
[Old version datasheet]   Low-Ripple Switched Capacitor Step-Down Regulator
logo
National Semiconductor ...
LM2773 NSC-LM2773 Datasheet
326Kb / 12P
   Low-Ripple 1.8V/1.6V Spread-Spectrum Switched Capacitor Step-Down Regulator
logo
Texas Instruments
LM2773 TI-LM2773_15 Datasheet
1Mb / 18P
[Old version datasheet]   LM2773 Low-Ripple 1.8V/1.6V Spread-Spectrum Switched Capacitor Step-Down Regulator
LM2771 TI1-LM2771 Datasheet
1Mb / 16P
[Old version datasheet]   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
LM2780 NSC-LM2780 Datasheet
162Kb / 7P
   Ultra-Low Ripple Switched Capacitor Voltage Inverter
LM2781 NSC-LM2781 Datasheet
162Kb / 7P
   Ultra-Low Ripple Switched Capacitor Voltage Inverter
LM2770 NSC-LM2770 Datasheet
796Kb / 14P
   High Efficiency Switched Capacitor Step-Down DC/DC Regulator with Sleep Mode
logo
Texas Instruments
LM2770 TI-LM2770_15 Datasheet
2Mb / 20P
[Old version datasheet]   High Efficiency Switched Capacitor Step-Down DC/DC Regulator with Sleep Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com