Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2766 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce LM2766
Description  LM2766 Switched Capacitor Voltage Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM2766 Fiches technique(HTML) 5 Page - Texas Instruments

  LM2766_15 Datasheet HTML 1Page - Texas Instruments LM2766_15 Datasheet HTML 2Page - Texas Instruments LM2766_15 Datasheet HTML 3Page - Texas Instruments LM2766_15 Datasheet HTML 4Page - Texas Instruments LM2766_15 Datasheet HTML 5Page - Texas Instruments LM2766_15 Datasheet HTML 6Page - Texas Instruments LM2766_15 Datasheet HTML 7Page - Texas Instruments LM2766_15 Datasheet HTML 8Page - Texas Instruments LM2766_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LM2766
www.ti.com
SNVS071C – MARCH 2000 – REVISED SEPTEMBER 2015
6.5 Electrical Characteristics
Unless otherwise specified, typical limits are for TJ = 25°C, minimum and maximum limits apply over the full operating
temperature range: V+ = 5 V, C1 = C2 = 10 μF.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V+
Supply voltage
1.8
5.5
V
IQ
Supply current
No load
350
950
µA
TJ = 25°C
0.1
0.5
µA
ISD
Shutdown supply current
TA = 85°C
0.2
0.6
V
VSD
Shutdown pin input voltage
2
2.5 V
≤ VIN ≤ 5.5 V
20
IL
Output current
mA
1.8 V
≤ VIN ≤ 2.5 V
10
ROUT
Output resistance(2)
IL = 15 mA
20
55
Ω
ƒOSC
Oscillator frequency
See(3)
220
400
700
kHz
ƒSW
Switching frequency
See(3)
110
200
350
kHz
PEFF
Power efficiency
IL = 20 mA to GND
94%
VOEFF
Voltage conversion efficiency
No load
99.96%
(1)
In the test circuit, capacitors C1 and C2 are 10-µF, 0.3-Ω maximum ESR capacitors. Capacitors with higher ESR may increase output
resistance, and reduce output voltage and efficiency.
(2)
Specified output resistance includes internal switch resistance and capacitor ESR. See the details in Application and Implementation for
positive voltage doubler.
(3)
The output switches operate at one half of the oscillator frequency, ƒOSC = 2 × ƒSW.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2766


Numéro de pièce similaire - LM2766_15

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2766M6 NSC-LM2766M6 Datasheet
220Kb / 9P
   Switched Capacitor Voltage Converter
LM2766M6X NSC-LM2766M6X Datasheet
220Kb / 9P
   Switched Capacitor Voltage Converter
More results

Description similaire - LM2766_15

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
   Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
   Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
[Old version datasheet]   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
   Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
   Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
logo
Texas Instruments
LM2665 TI1-LM2665_16 Datasheet
1Mb / 20P
[Old version datasheet]   Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com