Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2765 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce LM2765
Description  LM2765 Switched Capacitor Voltage Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM2765 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button LM2765_15 Datasheet HTML 3Page - Texas Instruments LM2765_15 Datasheet HTML 4Page - Texas Instruments LM2765_15 Datasheet HTML 5Page - Texas Instruments LM2765_15 Datasheet HTML 6Page - Texas Instruments LM2765_15 Datasheet HTML 7Page - Texas Instruments LM2765_15 Datasheet HTML 8Page - Texas Instruments LM2765_15 Datasheet HTML 9Page - Texas Instruments LM2765_15 Datasheet HTML 10Page - Texas Instruments LM2765_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LM2765
www.ti.com
SNVS070C – MARCH 2000 – REVISED MAY 2013
CAPACITOR SELECTION
As discussed in the Positive Voltage Doubler section, the output resistance and ripple voltage are dependent on
the capacitance and ESR values of the external capacitors. The output voltage drop is the load current times the
output resistance, and the power efficiency is
(3)
Where IQ(V+) is the quiescent power loss of the IC device, and IL
2R
out is the conversion loss associated with the
switch on-resistance, the two external capacitors and their ESRs.
The selection of capacitors is based on the specifications of the dropout voltage (which equals Iout Rout), the
output voltage ripple, and the converter efficiency. Low ESR capacitors (Table 1) are recommended to maximize
efficiency, reduce the output voltage drop and voltage ripple.
Table 1. Low ESR Capacitor Manufacturers
Manufacturer
Phone
Website
Capacitor Type
Nichicon Corp.
(847)-843-7500
www.nichicon.com
PL & PF series, through-hole aluminum electrolytic
AVX Corp.
(843)-448-9411
www.avxcorp.com
TPS series, surface-mount tantalum
Sprague
(207)-324-4140
www.vishay.com
593D, 594D, 595D series, surface-mount tantalum
Sanyo
(619)-661-6835
www.sanyovideo.com
OS-CON series, through-hole aluminum electrolytic
Murata
(800)-831-9172
www.murata.com
Ceramic chip capacitors
Taiyo Yuden
(800)-348-2496
www.t-yuden.com
Ceramic chip capacitors
Tokin
(408)-432-8020
www.tokin.com
Ceramic chip capacitors
Other Applications
PARALLELING DEVICES
Any number of LM2765s can be paralleled to reduce the output resistance. Each device must have its own
pumping capacitor C1, while only one output capacitor Cout is needed as shown in Figure 14. The composite
output resistance is:
(4)
Figure 14. Lowering Output Resistance by Paralleling Devices
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2765


Numéro de pièce similaire - LM2765_15

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2765M6 NSC-LM2765M6 Datasheet
208Kb / 9P
   Switched Capacitor Voltage Converter
LM2765M6X NSC-LM2765M6X Datasheet
208Kb / 9P
   Switched Capacitor Voltage Converter
More results

Description similaire - LM2765_15

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
   Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
   Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
[Old version datasheet]   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
   Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
   Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
logo
Texas Instruments
LM2665 TI1-LM2665_16 Datasheet
1Mb / 20P
[Old version datasheet]   Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com