Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2655 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce LM2655
Description  2.5A High Efficiency Synchronous Switching Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM2655 Fiches technique(HTML) 4 Page - Texas Instruments

  LM2655_15 Datasheet HTML 1Page - Texas Instruments LM2655_15 Datasheet HTML 2Page - Texas Instruments LM2655_15 Datasheet HTML 3Page - Texas Instruments LM2655_15 Datasheet HTML 4Page - Texas Instruments LM2655_15 Datasheet HTML 5Page - Texas Instruments LM2655_15 Datasheet HTML 6Page - Texas Instruments LM2655_15 Datasheet HTML 7Page - Texas Instruments LM2655_15 Datasheet HTML 8Page - Texas Instruments LM2655_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Pin Description
Pin
Name
Function
1-2
SW
Switched-node connection, which is connected to the source of the internal high-side
MOSFET.
3-5
PV
IN
Main power supply input pin. Connected to the drain of the internal high-side MOSFET.
6V
CB
Bootstrap capacitor connection for high-side gate drive.
7AV
IN
Input voltage for control and drive circuits.
8
SD(SS)
Shutdown and Soft-start control pin. Pulling this pin below 0.3V shuts off the regulator. A
capacitor connected from this pin to ground provides a control ramp of the input current.
Do not drive this pin with an external source or erroneous operation may result.
9
FB
Output voltage feedback input. Connected to the output voltage.
10
COMP
Compensation network connection. Connected to the output of the voltage error amplifier.
11
L
DELAY
A capacitor between this pin to ground sets the delay from when the output voltage
reaches 80% of its nominal to when the undervoltage latch protection is enabled.
12
LDR
Low-side FET gate drive pin.
13
GND
Power ground.
14-16
PV
IN
Main power supply input pin. Connected to the drain of the internal high-side MOSFET.
Ordering Information
Supplied as 1000 units
Tape and Reel
Supplied as 3000 units,
Tape and Reel
LM2655MTC-3.3
LM2655MTCX-3.3
LM2655MTC-ADJ
LM2655MTCX-ADJ
www.national.com
3


Numéro de pièce similaire - LM2655_15

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2655MTC-3.3 NSC-LM2655MTC-3.3 Datasheet
769Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
LM2655MTC-ADJ NSC-LM2655MTC-ADJ Datasheet
377Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
LM2655MTC-ADJ NSC-LM2655MTC-ADJ Datasheet
769Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
LM2655MTCX-3.3 NSC-LM2655MTCX-3.3 Datasheet
769Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
LM2655MTCX-ADJ NSC-LM2655MTCX-ADJ Datasheet
769Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
More results

Description similaire - LM2655_15

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2655 NSC-LM2655 Datasheet
377Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
LM2655 NSC-LM2655_05 Datasheet
769Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
logo
Fitipower Integrated Te...
FP6375 FITIPOWER-FP6375 Datasheet
1Mb / 13P
   High Efficiency 1MHz 2.5A Synchronous Step Down Regulator
logo
Texas Instruments
LM2651 TI1-LM2651_14 Datasheet
966Kb / 20P
[Old version datasheet]   1.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2653 NSC-LM2653 Datasheet
243Kb / 13P
   1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653_05 Datasheet
663Kb / 12P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Monolithic Power System...
MP2120 MPS-MP2120 Datasheet
367Kb / 11P
   2.5A, 5.5V Synchronous Step-Down Switching Regulator
logo
ACE Technology Co., LTD...
ACE713C ACE-ACE713C Datasheet
414Kb / 4P
   High Efficiency 1.25MHz, 2.5A Boost Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com