Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESD114-U1-02 Fiches technique(PDF) 6 Page - Infineon Technologies AG

No de pièce ESD114-U1-02
Description  ESD / Transient protection of high speed data lines exceeding
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD114-U1-02 Fiches technique(HTML) 6 Page - Infineon Technologies AG

Back Button ESD114-U1-02 Datasheet HTML 2Page - Infineon Technologies AG ESD114-U1-02 Datasheet HTML 3Page - Infineon Technologies AG ESD114-U1-02 Datasheet HTML 4Page - Infineon Technologies AG ESD114-U1-02 Datasheet HTML 5Page - Infineon Technologies AG ESD114-U1-02 Datasheet HTML 6Page - Infineon Technologies AG ESD114-U1-02 Datasheet HTML 7Page - Infineon Technologies AG ESD114-U1-02 Datasheet HTML 8Page - Infineon Technologies AG ESD114-U1-02 Datasheet HTML 9Page - Infineon Technologies AG ESD114-U1-02 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ESD114-U1-02 Series
Typical Characteristics Diagrams
FinalData Sheet
7
Revision 1.0, 2014-10-30
4
Typical Characteristics Diagrams
Typical characteristics diagrams at
T
A = 25°C, unless otherwise specified
Figure 3
Reverse leakage current:IR = f(VR)
Figure 4
Line capacitance: CL = f(VR)
10-13
10-12
10-11
10-10
10-9
10-8
10-7
10-6
10-5
10-4
10-3
10-2
0
1
2
3
4
5
6
VR [V]
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
VR [V]
1 MHz
1 GHz


Numéro de pièce similaire - ESD114-U1-02

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ESD110 ETC-ESD110 Datasheet
921Kb / 2P
   Bluetooth-serial Module
logo
Infineon Technologies A...
ESD110-B1 INFINEON-ESD110-B1 Datasheet
884Kb / 17P
   ESD / transient protection according to
ESD110-B1-02EL INFINEON-ESD110-B1-02EL Datasheet
884Kb / 17P
   ESD / transient protection according to
ESD110-B1-02ELS INFINEON-ESD110-B1-02ELS Datasheet
884Kb / 17P
   ESD / transient protection according to
logo
Socay Electornics Co., ...
ESD110V12D-A SOCAY-ESD110V12D-A Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
More results

Description similaire - ESD114-U1-02

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NUP4114HMR6 ONSEMI-NUP4114HMR6 Datasheet
198Kb / 9P
   Transient Voltage Suppressors Low Capacitance ESD Protection for High Speed Data Lines
January, 2010 ??Rev. 3
ESD1014 ONSEMI-ESD1014 Datasheet
97Kb / 3P
   Low Capacitance ESD Protection Array for High Speed Data Lines Protection
March, 2011 ??Rev. 0
NUP4105MU ONSEMI-NUP4105MU Datasheet
125Kb / 3P
   Low Capacitance ESD Protection Array for High Speed Data Lines Protection
April, 2009 ??Rev. 1
logo
First Silicon Co., Ltd
PE15B-0402 FS-PE15B-0402 Datasheet
309Kb / 4P
   ESD protection for high speed data lines to IEC61000-4-2
logo
GOOD-ARK Electronics
ESDPSA0603V24 GOOD-ARK-ESDPSA0603V24 Datasheet
213Kb / 6P
   ESD protection for high speed data lines to IEC61000-4-2
logo
Surge Components
ESDPSA2510V05 SURGE-ESDPSA2510V05 Datasheet
1Mb / 5P
   ESD Protection for high speed data lines to IEC61000-4-2
logo
Shanghai Leiditech Elec...
PESD1542L025 LEIDITECH-PESD1542L025 Datasheet
1Mb / 3P
   ESD protection for high speed data lines to IEC61000-4-2
logo
Nexperia B.V. All right...
PESDXUSB3S NEXPERIA-PESDXUSB3S Datasheet
1,002Kb / 16P
   ESD protection for differential data lines
logo
NXP Semiconductors
PESD1USB3SZ NXP-PESD1USB3SZ Datasheet
1Mb / 19P
   ESD protection for differential data lines
Rev. 3-26 April 2016
PESD2USB3SZ NXP-PESD2USB3SZ Datasheet
1Mb / 19P
   ESD protection for differential data lines
Rev. 3-26 April 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com