Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM30-00J0512-03E Fiches technique(PDF) 5 Page - MORNSUN Science& Technology Ltd.

No de pièce LM30-00J0512-03E
Description  30W, AC/DC converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MORNSUN [MORNSUN Science& Technology Ltd.]
Site Internet  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LM30-00J0512-03E Fiches technique(HTML) 5 Page - MORNSUN Science& Technology Ltd.

  LM30-00J0512-03E Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LM30-00J0512-03E Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LM30-00J0512-03E Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LM30-00J0512-03E Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LM30-00J0512-03E Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
AC/DC Converter
LM30-00J0512-03E
2015.06.08-A/2
Page 5 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Notes:
1. Packing information please refer to Product Packing Information which can be downloaded from www.mornsun-power.com. Packing
bag number: 58220013;
2. If the product is not operated within the required load range, the product performance cannot be guaranteed to comply with all
parameters in the datasheet;
3. Unless otherwise specified, parameters in this datasheet were measured under the conditions of Ta=25 ℃, humidity<75% with nominal
input voltage and rated output load;
4. All index testing methods in this datasheet are based on our Company’s corporate standards;
5. The performance parameters of the product models listed in this manual are as above, but some parameters of non-standard model
products may exceed the requirements mentioned above. Please contact our technicians directly for specific information;
6. We can provide product customization service;
7. Specifications are subject to change without prior notice.
MORNSUN Guangzhou Science & Technology Co., Ltd.
Address: No. 5, Kehui St. 1, Kehui Development Center, Science Ave., Guangzhou Science City, Luogang District, Guangzhou, P. R. China
Tel: 86-20-38601850-8801
Fax: 86-20-38601272
E-mail: info@mornsun.cn


Numéro de pièce similaire - LM30-00J0512-03E

FabricantNo de pièceFiches techniqueDescription
logo
MORNSUN Science& Techno...
LM30-00J0512-03E MORNSUN-LM30-00J0512-03E Datasheet
1Mb / 4P
   30W,AC-DC CONVERTER
More results

Description similaire - LM30-00J0512-03E

FabricantNo de pièceFiches techniqueDescription
logo
MORNSUN Science& Techno...
LM30-00J0512-03E MORNSUN-LM30-00J0512-03E Datasheet
1Mb / 4P
   30W,AC-DC CONVERTER
LO30-10C0512-20 MORNSUN-LO30-10C0512-20 Datasheet
934Kb / 3P
   AC charging point dedicated 30W, AC-DC converter
LO30-10C0512-12L MORNSUN-LO30-10C0512-12L Datasheet
631Kb / 3P
   AC charging point dedicated 30W, AC-DC converter
logo
ETA-USA
BWTSX-U ETA-USA-BWTSX-U Datasheet
1Mb / 4P
   30W AC/DC
logo
Minmax Technology Co., ...
MPW1000 MINMAX-MPW1000_15 Datasheet
696Kb / 7P
   DC/DC CONVERTER 30W
MKW5000 MINMAX-MKW5000_15 Datasheet
447Kb / 6P
   DC/DC CONVERTER 30W
logo
Mean Well Enterprises C...
RSD-30 MEANWELL-RSD-30 Datasheet
961Kb / 10P
   30W Reliable Railway DC-DC Converter
PSD-30 MEANWELL-PSD-30 Datasheet
355Kb / 2P
   30W Single Output DC-DC Converter
logo
Minmax Technology Co., ...
AQF-30 MINMAX-AQF-30_16 Datasheet
376Kb / 5P
   AC/DC Power Module 30W
logo
GAPTEC Electronic GmbH ...
30ACMEB GAPTEC-30ACMEB Datasheet
1Mb / 4P
   30W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com