Moteur de recherche de fiches techniques de composants électroniques |
|
E0512S-1WR2 Fiches technique(PDF) 5 Page - MORNSUN Science& Technology Ltd. |
|
E0512S-1WR2 Fiches technique(HTML) 5 Page - MORNSUN Science& Technology Ltd. |
5 / 5 page DC/DC Converter E_S-1WR2 & F_S-1WR2 series 2015.09.21-B/0 Page 5 of 5 MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation Dimensions and Recommended Layout Notes: 1. Packing Information please refer to 'Product Packing Information'. Packing bag number: 58200029; 2. If the product is operated under the min. required load, the product performance cannot be guaranteed to comply with all performance indexes in this datasheet; 3. The max. capacitive load should be tested within the input voltage range and under full load conditions; 4. Unless otherwise specified, data in this data sheet should be tested under the conditions of Ta=25°C, humidity<75% when inputting nominal voltage and outputting rated load; 5. All index testing methods in this datasheet are based on our Company’s corporate standards; 6. The performance indexes of the product models listed in this manual are as above, but some indexes of non-standard model products will exceed the above-mentioned requirements, and please directly contact our technicians for specific information; 7. We can provide product customization service; 8. Specifications of this product are subject to changes without prior notice. MORNSUN Guangzhou Science & Technology Co., Ltd. Address: No. 5, Kehui St. 1, Kehui Development Center, Science Ave., Guangzhou Science City, Luogang District, Guangzhou, P. R. China Tel: 86-20-38601850-8801 Fax: 86-20-38601272 E-mail: info@mornsun.cn |
Numéro de pièce similaire - E0512S-1WR2 |
|
Description similaire - E0512S-1WR2 |