Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3701 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce TPS3701
Description  TPS3701 36-V Window Comparator with Internal Reference for Over- and Undervoltage Detection
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS3701 Fiches technique(HTML) 2 Page - Texas Instruments

  TPS3701_15 Datasheet HTML 1Page - Texas Instruments TPS3701_15 Datasheet HTML 2Page - Texas Instruments TPS3701_15 Datasheet HTML 3Page - Texas Instruments TPS3701_15 Datasheet HTML 4Page - Texas Instruments TPS3701_15 Datasheet HTML 5Page - Texas Instruments TPS3701_15 Datasheet HTML 6Page - Texas Instruments TPS3701_15 Datasheet HTML 7Page - Texas Instruments TPS3701_15 Datasheet HTML 8Page - Texas Instruments TPS3701_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
TPS3701
SBVS240 – NOVEMBER 2014
www.ti.com
Table of Contents
7.3
Feature Description................................................. 11
1
Features .................................................................. 1
7.4
Device Functional Modes........................................ 11
2
Applications ........................................................... 1
8
Application and Implementation ........................ 12
3
Description ............................................................. 1
8.1
Application Information............................................ 12
4
Revision History..................................................... 2
8.2
Typical Application ................................................. 16
5
Pin Configuration and Functions ......................... 3
9
Power Supply Recommendations ...................... 18
6
Specifications......................................................... 4
10
Layout................................................................... 19
6.1
Absolute Maximum Ratings ..................................... 4
10.1
Layout Guidelines ................................................. 19
6.2
Handling Ratings....................................................... 4
10.2
Layout Example .................................................... 19
6.3
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 20
6.4
Thermal Information .................................................. 4
11.1
Documentation Support ....................................... 20
6.5
Electrical Characteristics........................................... 5
11.2
Trademarks ........................................................... 20
6.6
Timing Requirements ................................................ 6
11.3
Electrostatic Discharge Caution ............................ 20
6.7
Typical Characteristics .............................................. 7
11.4
Glossary ................................................................ 20
7
Detailed Description ............................................ 10
12
Mechanical, Packaging, and Orderable
7.1
Overview ................................................................. 10
Information ........................................................... 20
7.2
Functional Block Diagram ....................................... 10
4 Revision History
DATE
REVISION
NOTES
November 2014
*
Initial release
2
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS3701


Numéro de pièce similaire - TPS3701_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3700 TI1-TPS3700 Datasheet
633Kb / 19P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700 TI1-TPS3700 Datasheet
984Kb / 23P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700 TI-TPS3700 Datasheet
1,014Kb / 28P
[Old version datasheet]   TPS3700 Window Comparator With Internal Reference for Overvoltage and Undervoltage Detection
TPS3700-Q1 TI-TPS3700-Q1 Datasheet
1,014Kb / 28P
[Old version datasheet]   TPS3700 Window Comparator With Internal Reference for Overvoltage and Undervoltage Detection
TPS3700-Q1 TI1-TPS3700-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
More results

Description similaire - TPS3701_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3700 TI1-TPS3700_14 Datasheet
984Kb / 23P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700 TI-TPS3700_15 Datasheet
1,014Kb / 28P
[Old version datasheet]   TPS3700 Window Comparator With Internal Reference for Overvoltage and Undervoltage Detection
TPS3700 TI1-TPS3700 Datasheet
633Kb / 19P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700-Q1 TI1-TPS3700-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700-Q1 TI-TPS3700-Q1_15 Datasheet
955Kb / 25P
[Old version datasheet]   TPS3700-Q1 Window Comparator for Over- and Undervoltage Detection
TLV6710 TI1-TLV6710 Datasheet
502Kb / 23P
[Old version datasheet]   Micropower, 36-V Window Comparator With 400-mV Reference
TLV6710 TI1-TLV6710_18 Datasheet
539Kb / 25P
[Old version datasheet]   Micropower, 36-V Window Comparator With 400-mV Reference
TLV6700 TI1-TLV6700_18 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 18-V Window Comparator With 400-mV Reference
logo
National Semiconductor ...
LMV7231 NSC-LMV7231 Datasheet
596Kb / 18P
   Hex Window Comparator with 1.5 Precision and 400mV Reference
logo
Texas Instruments
TLV6713 TI1-TLV6713_18 Datasheet
365Kb / 21P
[Old version datasheet]   Micropower, 36-V Comparator With 400-mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com