Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPPM0111 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce TPPM0111
Description  DUAL LOW - DROPOUT LINEAR REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPPM0111 Fiches technique(HTML) 5 Page - Texas Instruments

  TPPM0111_15 Datasheet HTML 1Page - Texas Instruments TPPM0111_15 Datasheet HTML 2Page - Texas Instruments TPPM0111_15 Datasheet HTML 3Page - Texas Instruments TPPM0111_15 Datasheet HTML 4Page - Texas Instruments TPPM0111_15 Datasheet HTML 5Page - Texas Instruments TPPM0111_15 Datasheet HTML 6Page - Texas Instruments TPPM0111_15 Datasheet HTML 7Page - Texas Instruments TPPM0111_15 Datasheet HTML 8Page - Texas Instruments TPPM0111_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TPPM0111
DUAL LOW DROPOUT LINEAR REGULATOR
SLVS414 − DECEMBER 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
thermal characteristics
PARAMETER
MIN
TYP
MAX
UNIT
RθJC Thermal impedance, junction-to-case
8
°C/W
RθJA
Thermal impedance, junction-to-ambient
See Note 7
33
°C/W
NOTE 7: See JEDEC PCB specifications for high-K and correct implementation for 150 LFM air flow.
TYPICAL CHARACTERISTICS
5VCC
Bandgap
Reference
Bandgap Reference
3.3VOUT
+
Control
GND
1.5VOUT
+
Control
0.1
µF
100
µF
Startup, Interlock,
Overcurrent, and
Thermal Shutdown
Control
Startup, Interlock,
Overcurrent, and
Thermal Shutdown
Control
0.1
µF
100
µF
NOTE: The 100-
µF capacitor has: ESL = 3 nH and ESR = 0.5 Ω to 1 Ω.
Testing circuit includes 100-
µF aluminum capacitors which may be replaced with 10-µF ceramic capacitors. Both capacitors must have
equivalent series inductance ESL < 3 nH and equivalent series resistance ESR < 1
Ω.
Bandgap Reference
Figure 1. Test Circuit


Numéro de pièce similaire - TPPM0111_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPPM0111DWP TI-TPPM0111DWP Datasheet
234Kb / 10P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
TPPM0111DWPR TI-TPPM0111DWPR Datasheet
234Kb / 10P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
More results

Description similaire - TPPM0111_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPPM0110 TI-TPPM0110 Datasheet
247Kb / 14P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
TPPM0111 TI-TPPM0111 Datasheet
234Kb / 10P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
logo
Rohm
BD7003NUX-E2 ROHM-BD7003NUX-E2 Datasheet
639Kb / 14P
   Dual, Low-Dropout Linear Regulator
logo
Texas Instruments
TPS767D301-EP TI-TPS767D301-EP_15 Datasheet
876Kb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7201 DIODES-AP7201 Datasheet
630Kb / 13P
   DUAL 150mA LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
TPS767D301-EP TI1-TPS767D301-EP Datasheet
698Kb / 21P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
logo
Maxim Integrated Produc...
MAX8862 MAXIM-MAX8862 Datasheet
129Kb / 12P
   Low-Cost, Low-Dropout, Dual Linear Regulator
logo
Anpec Electronics Corop...
APL5537 ANPEC-APL5537 Datasheet
355Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com